Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9109BFA Datasheet(PDF) 2 Page - Sames

Part # PM9109BFA
Description  MONOCHIP SINGLE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9109BFA Datasheet(HTML) 2 Page - Sames

  PM9109BFA Datasheet HTML 1Page - Sames PM9109BFA Datasheet HTML 2Page - Sames PM9109BFA Datasheet HTML 3Page - Sames PM9109BFA Datasheet HTML 4Page - Sames PM9109BFA Datasheet HTML 5Page - Sames PM9109BFA Datasheet HTML 6Page - Sames PM9109BFA Datasheet HTML 7Page - Sames PM9109BFA Datasheet HTML 8Page - Sames PM9109BFA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PM9109BF
2/18
sames
sames
sames
sames
sames
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Note 1)
V
AC
540
V
Current Sense Input (Note 1)
V
IV
-2.5
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature
T
O
-10
+70 (Note 2)
°C
Max Current
I
MAX
800 (Note 3)
A
through sensor
I
MAX
2000 (Note 4)
A
Note 1:
Voltages are specified with reference to Live.
Note 2:
The SA9109B integrated circuit is specified to operate over the temperature
range -10°C to +70°C. The module functionality will however depend upon
the external components used.
Note 3:
t = 500ms
Note 4:
t = 1ms
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
BLOCK DIAGRAM
SCROLL
SA9109B
N
L
SHUNT
PO W ER
SUP PL Y
BAT T ERY
BAC KUP
LOAD
DIS PLAY
DR-00995
OPTICAL
PORT
PULSE
OUTPUT
ISOLATED
CALIBRATION
INTERFACE
PGM
DTA
CLK
RES ET
TAR IFF
SEL ECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com