Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9903BPE Datasheet(PDF) 21 Page - Sames

Part # PM9903BPE
Description  Evaluation Board for the SA9903B Energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9903BPE Datasheet(HTML) 21 Page - Sames

Back Button PM9903BPE Datasheet HTML 14Page - Sames PM9903BPE Datasheet HTML 15Page - Sames PM9903BPE Datasheet HTML 16Page - Sames PM9903BPE Datasheet HTML 17Page - Sames PM9903BPE Datasheet HTML 18Page - Sames PM9903BPE Datasheet HTML 19Page - Sames PM9903BPE Datasheet HTML 20Page - Sames PM9903BPE Datasheet HTML 21Page - Sames PM9903BPE Datasheet HTML 22Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
http://www.sames.co.za
PM9903BPE
COMPONENT LIST (Micro-controller board)
Description
Si signal diode
Si signal diode
Resistor, 1%
Resistor, 1%
Resistor, 1%
Capacitor, tantalum/10V
Opto-coupler, medium speed
Resistor, 1%
Crystal
Resistor, 1%
Capacitor, ceramic
Capacitor, ceramic
e prom, 1kB
Capacitor, ceramic
Capacitor, ceramic
Resistor, 1%
3mm red
Micro switch, push to make
Micro switch, push to make
3 pin SIP pins
8 pin SIP socket
6 pin SIP pins
14 pin SIP pins
2 Pin Molex, Centre square pin, Friction lock
3 pin SIP pins
Micro-controller
Any Si PNP, e.g. SMBT3906
14 pin SIP pins
Micro switch, push to make
3mm green
8 pin SIP socket
Micro switch, push to make
2
Value
1N4148
1N4148
1k
1k
1k
1u
4N35
10k
20MHz
33k
33p
33p
93C46
100n
100n
100R....1k
Active
DOWN
ENTER
HEADER3
Holder
ISP
L
Opto Out
Out Select
PIC 16F876-20/SO
PNP
R
RESET
Reactive
SPI Port
UP
Ω
Designator
D1
D2
R5
R4
R3
C5
U3
R6
X1
R1
C2
C1
U2
C3
C4
R2
L1
S2
S3
JP4
J1
SK1
JP1
SK3
JP3
U1
Q1
JP2
S4
L2
SK2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com