Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9603APE Datasheet(PDF) 2 Page - Sames

Part # PM9603APE
Description  SINGLE PHASE POWER/ENERGY METERING MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9603APE Datasheet(HTML) 2 Page - Sames

  PM9603APE Datasheet HTML 1Page - Sames PM9603APE Datasheet HTML 2Page - Sames PM9603APE Datasheet HTML 3Page - Sames PM9603APE Datasheet HTML 4Page - Sames PM9603APE Datasheet HTML 5Page - Sames PM9603APE Datasheet HTML 6Page - Sames PM9603APE Datasheet HTML 7Page - Sames PM9603APE Datasheet HTML 8Page - Sames PM9603APE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PM9603AP
sames
2/18
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Note 1)
V
AC
300
V
Current Sense Input (Note 1)
V
IV
-2.5
+2.5
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature
T
O
-10
+70 (Note 2)
°C
Max Current
I
MAX
800 (Note 3)
A
through Sensor
I
MAX
2000 (Note 4)
A
Note 1: Voltages are specified with reference to Live.
Note 2: The SA9603B integrated circuit is specified to operate over the temperature
range -10°C to +70°C. The module functionality will however depend upon the
external components used.
Note 3: t = 500ms
Note 4: t = 1ms
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
BLOCK DIAGRAM
D R -01 34 9
PO WER
SU PPL Y
LIV E
VO L T AG E SEN SE
NE UT RA L
NE UT RA L
NE UT RA L
IN
OU T
IN
S HUNT
S A 9 60 3B
PO WER
ME T E R
WIT H
SPI BU S
OP T O -
CO UP L E R
OP T O -
CO UP L E R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com