Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9604/5APA Datasheet(PDF) 6 Page - Sames

Part # PM9604/5APA
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604/5APA Datasheet(HTML) 6 Page - Sames

Back Button PM9604/5APA Datasheet HTML 2Page - Sames PM9604/5APA Datasheet HTML 3Page - Sames PM9604/5APA Datasheet HTML 4Page - Sames PM9604/5APA Datasheet HTML 5Page - Sames PM9604/5APA Datasheet HTML 6Page - Sames PM9604/5APA Datasheet HTML 7Page - Sames PM9604/5APA Datasheet HTML 8Page - Sames PM9604/5APA Datasheet HTML 9Page - Sames PM9604/5APA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PM9604/5AP
6/14
sames
7.
Circuit Description
The module is supplied from an on-board DC supply derived from the incoming
three phases.
The Application Circuit (Figure 2) details the components required for a three phase
power metering module. Terminated current transformers are used as current
sensors.
The most important external components are:
Terminated current sensors (current transformers) are connected to the current
sensor inputs of the devices through current setting resistors (R8...R13).
The resistor values should be selected for an input current of 16µA
RMS into the
integrated circuit current sensor inputs at the rated line current.
The values of these resistors are calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µARMS) x R17/2
Phase 2:
R
10 = R11= (IL2/16µARMS) x R18/2
Phase 3:
R
12 = R13 = (IL3/16µARMS) x R19/2
Where
I
LX
=
Secondary CT current at rated conditions.
R
17, R18 and R19
=
Termination resistors of the three current
transformers.
R
1A, R1B, R4 and R14 set the current for the phase 1 voltage sense input. R2A + R2B,R5
and R
15 set the current Phase 2 and R3A + R3B, R6 and R16 set the current for Phase
3. The values should be selected so that the input current into the voltage sense
input (virtual ground) is set to 14µA
RMS at nominal line voltage. Capacitors C1, C2
and C3 are for decoupling and phase compensation.
Resistors R
7A + R7B and trimpot T7 defines all on-chip bias currents. R7 is made up
of two resistors which can be connected in parallel using JP7 to allow convertion of
the module between the SA9604A and SA9605A devices.
The SA9604A uses a reference current of 25µA ± 10% and the SA9605A reference
current is 50µA ± 10%. Inserting the jumper will connect R
7A and R7B in parallel,
thereby doubling the reference current to an appropriate level. T
7 may be varied for
calibration purposes.
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897 MHz on-chip to supply the digital circuitry and
the A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com