Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4301ASEA Datasheet(PDF) 2 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 2 Page - Sames

  RM4301ASEA Datasheet HTML 1Page - Sames RM4301ASEA Datasheet HTML 2Page - Sames RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
http://www.sames.co.za
2/19
PRELIMINARY
RM4301ASEA
Current Value
Load
Power Factor
Class 1 Error Limits
0.05lb
£ I < 0.1lb
Balanced three phase
1
± 1.5%
0.1lb
£ I £ IMAX
Balanced three phase
1
± 1.0%
0.1lb
£ I < 0.2lb
Balanced three phase
0.5 inductive (lag)
± 1.5%
0.1lb
£ I < 0.2lb
Balanced three phase
0.8 capacitive (lead)
± 1.5%
0.2lb
£ I £ IMAX
Balanced three phase
0.5 inductive (lag)
± 1.0%
0.2lb
£ I £ IMAX
Balanced three phase
0.8 capacitive (lead)
± 1.0%
0.1lb
£ I £ IMAX
Single phase
1
± 2.0%
0.2lb
£ I £ IMAX
Single phase
0.5 inductive (lag)
± 2.0%
Table 1: IEC62053-21 Accuracy Specifications
CIRCUIT DESIGN PRINCIPLES
CURRENT SENSING NETWORKS
The primary function of the current sensing networks is to
sense the load currents and convert them to the input
current signals required by the SA4301A. The current
sensing network for one phase is shown in Figure 2. The
sensing networks for all phases are identical.
The amplitude of the input current into the SA4301A at
maximum current (IMAX) should be set as close as possible
to 16μARMS. The current input of the device saturates at
25μA peak current, so the 16μARMS input current (22.62μA
peak) allows for an over-current up to 110% IMAX before
saturation occurs. The SA4301A can be used with most
available current transformers.
The burden resistor of the current transformer should be
selected such that the voltage across the resistor at
maximum current (IMAX) is in the order of 100mVRMS. It is
best that this voltage does not exceed 200mVRMS. The
reference level should be connected in the centre of the
burden resistor to create purely differential current inputs.
This will result in the best linearity for the meter. Resistors
RX14 and RX15 form the burden resistor. The best value of
each burden resistor is determined by using
B
MAX
CT
R
I
2
N
100mV
RX15
RX14
=
´
´
=
=
(1)
to calculate the theoretical value of the burden resistor and
then rounding this up to the nearest available resistor value.
NCT is the turns ratio of the current transformer.
The internal current feedback present on the differential
current inputs IIN and IIP of the SA4301A creates a virtual
short circuit between the two current input pins. This means
that the resistor value required to generate the correct input
current can be calculated using:
C
6
CT
B
MAX
R
4
1
10
16
N
R
2
I
RX19
RX18
RX17
RX16
=
´
´
´
´
´
=
=
=
=
-
(2)
where RB is the actual value of the burden resistor used.
A secondary function of the current sense networks is to
attenuate all high frequency components that could disrupt
the accuracy of the SA4301A. These high frequency
components may occur due to high frequency surges (fast
transient burst), may be induced through strong electric
fields or may simply be noise on the power lines. Certain
high frequency components, typically those close to integer
multiples of the sampling frequency of the analog to digital
converters will be mapped close to 50Hz once sampled (a
process known as aliasing) and will distort the accuracy of
the converters. This can be prevented by adequately
attenuating all high frequency signal components. The
typical oscillator frequency is 3.58MHz and the analog to
digital converters of the SA4301A operate at one half of this
frequency, so the filters should be designed to give sufficient
attenuation at 1.79MHz. This can readily be achieved by
placing a single order RC low pass filter on each current
input as shown in Figure 2. The capacitors cannot be placed
directly on the input pins IIN and IIP because no differential
voltage signal exists between these pins due to the virtual
short circuit created by the input network of the SA4301A.
The input resistance is therefore split into two equal
resistors (RX16/RX17 and RX18/RX19) and the capacitor is
placed between these resistors. Now a differential voltage
can appear across the capacitors and hence filter high
frequencies. The lowest -3dB cut-off frequency (and hence
best filtering ability) for a given capacitor value is achieved
when all four input resistors are equal (RX16 = RX17 =
RX18 = RX19 = RC). The current input networks must be
balanced so both capacitors must also be equal (CX2 = CX3
= CC). In this case the equivalent resistance associated with
each capacitor is ½RC and the -3dB cut-off frequency is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com