Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4101A Datasheet(PDF) 2 Page - Sames

Part # SA4101A
Description  Single Phase Kilowatt-hour Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4101A Datasheet(HTML) 2 Page - Sames

  SA4101A Datasheet HTML 1Page - Sames SA4101A Datasheet HTML 2Page - Sames SA4101A Datasheet HTML 3Page - Sames SA4101A Datasheet HTML 4Page - Sames SA4101A Datasheet HTML 5Page - Sames SA4101A Datasheet HTML 6Page - Sames SA4101A Datasheet HTML 7Page - Sames SA4101A Datasheet HTML 8Page - Sames SA4101A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPEC-1081 (REV. 2)
2/15
29-09-2017
SA4101A
ELECTRICAL CHARACTERISTICS
(VDD - VSS = 5V ± 10%, over the temperature range -40°C to +85°C, unless otherwise specified. Refer to Figure 2
“Test circuit for
electrical characteristics”.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
General
Supply Voltage:
Positive
VDD
2.25
2.5
2.75
V
With respect to AGND
Supply Voltage:
Negative
VSS
-2.75
-2.5
-2.25
V
With respect to AGND
Supply Current:
Positive
IDD
2.5
3.6
5.0
mA
Supply Current:
Negative
ISS
-2.5
-3.6
-5.0
mA
Analog Inputs
Current Sensor Inputs
(Differential)
Input Current Range
IRIIP, IRIIN
-25
25
μA
Peak value
Offset Voltage
VOIIP, VOIIN
-4
4
mV
With R = 4.7k
 connected
to AGND
Voltage Sensor Inputs
(Asymmetrical)
Input Current Range
IRIVP
-25
25
μA
Peak value
Offset Voltage
VOIVP
-4
4
mV
With R = 4.7k
 connected
to AGND
Digital Inputs
DIRI Input Leakage
IL
1.0
μA
Pull-down Current on R2,
R1, R0, FAST, CNF, SO
IPD
80
140
μA
R2, R1, R0, FAST, CNF,
SO
Input High Voltage
Input Low Voltage
VIH
VIL
VDD-1
VSS+1
V
V
Digital Outputs
LED Output Frequency in
FAST Mode
FMAX
1050
1160
1275
Hz
14
μARMS and 16μARMS
input current on voltage
and current channel
respectively
LED, DIRO, ACST
Output High Voltage
Output Low Voltage
VOH
VOL
VDD-1
VSS+1
V
V
ISOURCE = 5mA
ISINK = 5mA
MOP, MON
Output High Voltage
Output Low Voltage
VOH
VOL
VDD-1
VSS+1
V
V
ISOURCE = 15mA
ISINK = 15mA
During manufacturing, testing and shipment we take great care to protect our products against potential external
environmental damage such as Electrostatic Discharge (ESD). Although our products have ESD protection circuitry,
permanent damage may occur on products subjected to high-energy electrostatic discharges accumulated on the
human body and/or test equipment that can discharge without detection. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality during product handling.
ATTENTION:
Electrostatic
sensitive device.
Requires special
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com