Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4104AB Datasheet(PDF) 11 Page - Sames

Part # SA4104AB
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4104AB Datasheet(HTML) 11 Page - Sames

Back Button SA4104AB Datasheet HTML 7Page - Sames SA4104AB Datasheet HTML 8Page - Sames SA4104AB Datasheet HTML 9Page - Sames SA4104AB Datasheet HTML 10Page - Sames SA4104AB Datasheet HTML 11Page - Sames SA4104AB Datasheet HTML 12Page - Sames SA4104AB Datasheet HTML 13Page - Sames SA4104AB Datasheet HTML 14Page - Sames SA4104AB Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SPEC-1654 (REV. 4)
11/18
29-09-2017
SA4104A / SA4104B
Table 3: LED and motor constants achievable for some common IMAX currents for VNOM = 220V to 240V
IMAX
Dividing Factors
LED Output
Motor Output
(A)
DF_LED
DF_MO
(imp/kWh)
(imp/kWh)
6
1464
64
6400
100
6
2928
32
3200
100
10
220
256
25600
100
10
440
128
12800
100
10
880
64
6400
100
10
1760
32
3200
100
10
220
128
25600
200
10
440
64
12800
200
10
880
32
6400
200
10
1760
16
3200
200
10
220
64
25600
400
10
440
32
12800
400
10
880
16
6400
400
10
1760
8
3200
400
10
220
32
25600
800
10
440
16
12800
800
10
880
8
6400
800
10
1760
4
3200
800
20
220
128
12800
100
20
440
64
6400
100
20
880
32
3200
100
20
1760
16
1600
100
20
220
64
12800
200
20
440
32
6400
200
20
880
16
3200
200
20
1760
8
1600
200
20
220
32
12800
400
20
440
16
6400
400
20
880
8
3200
400
20
1760
4
1600
400
25
352
64
6400
100
25
704
32
3200
100
25
352
32
6400
200
25
704
16
3200
200
25
352
16
6400
400
25
704
8
3200
400
IMAX
Dividing Factors
LED Output
Motor Output
(A)
DF_LED
DF_MO
(imp/kWh)
(imp/kWh)
30
584
32
3200
100
30
1168
16
1600
100
30
584
16
3200
200
30
1168
8
1600
200
30
292
16
6400
400
30
584
8
3200
400
40
220
64
6400
100
40
440
32
3200
100
40
880
16
1600
100
40
1760
8
800
100
40
220
32
6400
200
40
440
16
3200
200
40
880
8
1600
200
40
1760
4
800
200
50
352
32
3200
100
50
704
16
1600
100
50
352
16
3200
200
50
704
8
1600
200
60
584
16
1600
100
60
1168
8
800
100
60
292
16
3200
200
60
584
8
1600
200
80
220
32
3200
100
80
440
16
1600
100
80
880
8
800
100
80
1760
4
400
100
100
352
16
1600
100
100
704
8
800
100
120
292
16
1600
100
120
584
8
800
100
150
234
16
1600
100
150
468
8
800
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com