Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4305ASAR Datasheet(PDF) 7 Page - Sames

Part # SA4305ASAR
Description  Three Phase Bidirectional Energy Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4305ASAR Datasheet(HTML) 7 Page - Sames

Back Button SA4305ASAR Datasheet HTML 3Page - Sames SA4305ASAR Datasheet HTML 4Page - Sames SA4305ASAR Datasheet HTML 5Page - Sames SA4305ASAR Datasheet HTML 6Page - Sames SA4305ASAR Datasheet HTML 7Page - Sames SA4305ASAR Datasheet HTML 8Page - Sames SA4305ASAR Datasheet HTML 9Page - Sames SA4305ASAR Datasheet HTML 10Page - Sames SA4305ASAR Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SPEC-3093 (REV. 2)
7/15
29-09-2017
SA4305A
FUNCTIONAL DESCRIPTION
Theory of Operation
The SA4305A includes all the required functions for three
phase power and energy measurement. Three pairs of
identical AD converters sample the three phase voltage and
current input signals. The three pairs of digital signals,
accurately representing the voltage and current inputs, are
multiplied using digital multiplication. The output of each
multiplier represents the instantaneous power on each
channel. The three channels are added together and the
pulse generation circuit creates a pulse output where the
instantaneous frequency is proportional to the instantaneous
power measured. The addition of the three channels can be
programmed to arithmetic or absolute mode. The arithmetic
mode will take the direction of energy flow into account while
the absolute mode will ignore it.
For given voltage and current signals the instantaneous
power is calculated by:
����(����) = ����(����) × ����(����)
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ����)
Let
���� = ���� − ����, and ���������������� =
��������
√2
and
���������������� =
��������
√2
then
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ���� − ����)
����(����) = ��������������������������������(cos ���� + cos(2(�������� + ����) − ����))
where
p(t) is the instantaneous power,
v(t) is the instantaneous voltage signal,
i(t) is the instantaneous current signal,
VM is the amplitude of the voltage signal,
IM is the amplitude of the current signal,
is the phase angle of the voltage signal and
is the phase angle of the current signal.
The instantaneous power output is integrated over time to
obtain the energy by simply counting the output pulses. This
removes
the
double
mains
frequency
component
cos(2(
t+)-) and the average output pulse rate is therefore
equivalent to
���� =
1
����
∫ ����(����)��������
����
0
���� = �������������������������������� cos ����
where
P is the average power and
cos
is the power factor.
Linearity
The SA4305A is a CMOS integrated circuit, which performs
power/energy calculations across a dynamic range of 500:1
to an accuracy that exceeds the IEC62053 specification.
Analog Inputs
The input circuitry of the current and voltage sensor inputs is
illustrated in Figure 5. These inputs are protected against
electrostatic
discharge
through
clamping
diodes.
The
feedback loops from the outputs of the amplifiers AI and AV
generate virtual short circuits between IIP and IIN as well as
IVP and AGND. The current sense inputs (IIP and IIN) are
identical and balanced. The AD converters convert the
signals on the voltage and current sense inputs to a digital
format for further processing. All internal offsets are
eliminated
through
the
use
of
various
cancellation
techniques.
Figure 5: Analog input configuration
Digital Outputs
The calculations required for power and energy are
performed and the result is converted to pulses on the FOUT
pulse output. The instantaneous output frequency on the
pulse output is proportional to the instantaneous active power
consumption measured. The pulse output is intended for
interfacing the SA4305A to a microcontroller or similar pulse
processing circuit.
Anti-Creep Threshold
An integrated anti-creep function prevents any output pulses
from a channel appearing on the pulse output if the energy
measured on that channel is less than 0.02% of EMAX, where
EMAX is the energy registered when the input currents for
voltage and current are 14μARMS and 16μARMS with zero
phase shift respectively. The individual per channel creep
A
I
IIN
IIP
VDD
VSS
VDD
VSS
A
V
IVP
VDD
VSS
AGND
VOLTAGE
SENSOR
INPUT
CURRENT
SENSOR
INPUT
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com