Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9603BSA Datasheet(PDF) 2 Page - Sames

Part # SA9603BSA
Description  Single Phase Bidirectional Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9603BSA Datasheet(HTML) 2 Page - Sames

  SA9603BSA Datasheet HTML 1Page - Sames SA9603BSA Datasheet HTML 2Page - Sames SA9603BSA Datasheet HTML 3Page - Sames SA9603BSA Datasheet HTML 4Page - Sames SA9603BSA Datasheet HTML 5Page - Sames SA9603BSA Datasheet HTML 6Page - Sames SA9603BSA Datasheet HTML 7Page - Sames SA9603BSA Datasheet HTML 8Page - Sames SA9603BSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
sames
sames
SA9603B
2/12
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
#Extended Operating Temperature Range available on request.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-40
+85
°C
O
Parameter
Symbol
Min
Max
Unit
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
°C
V
µA
µA
T
O
V
DD
I
II
I
IV
-25
-25
-25
2.25
+25
+25
+85
2.75
Peak value
Peak value
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
V
SS
-2.75
-2.25
I
DD
6
5
mA
I
SS
6
5
mA
V
V
V-1
DD
V+1
SS
Pin DO
High Voltage
Low Voltage
With R = 24kW
connected to V
SS
Reference to V
SS
Ref. Current
Ref. Voltage
µA
V
45
1.1
55
1.3
-I
R
V
R
50
Digital I/O
Operating temp. Range
Supply Voltage: Positive
Supply Voltage: Negative
Supply Current: Negative
Supply Current: Positive
Current Sensor Inputs (Differential)
Voltage Sensor Input (Asymmetrical)
Input Current Range
Input Current Range
Pin SCK
High Voltage
Low Voltage
V
IH
V
IL
F
SK
t
LO
t
HI
V
V
V-1
DD
V+1
SS
Pin VREF
V
V
V-1
DD
V+1
SS
Pin DI
High Voltage
Low Voltage
V
OH
V
OL
I
= 5mA
OL
I
= -2mA
OH
V
IH
V
IL
0.6
0.6
800
kHz
µs
µs
Pin CS
High Voltage
Low Voltage
V
V
V-1
DD
V+1
SS
V
IH
V
IL
Pin FMO
High Voltage
Low Voltage
V
V
V-1
DD
V+1
SS
V
OH
V
OL
I
= 5mA
OL
I
= -2mA
OH
Oscillator
Recommended crystal: TV colour burst crystal f= 3.5795 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com