Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO2700AGGGOFL-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # MO2700AGGGOFL-PF
Description  Crystal Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

MO2700AGGGOFL-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  MO2700AGGGOFL-PF Datasheet HTML 1Page - Advanced Crystal Technology MO2700AGGGOFL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Drawing control: (Internal use only)
Commodity code: 854160 00 00
Issue number: 1
Date: 1/2/2017
Internal reference: H3
Additional information
Part number generation
MO
2700
G
K
L
GO
F
L
‐PF
ACT
Series
Code
Frequency
(MHz)
 Frequency 
Tolerance 
(±ppm)
Frequency 
stability over 
temperature 
range (±ppm)
Operating 
Temperature 
Range (°C)  
Load 
capacitance   
(CL ‐pF)
Frequency 
Mode
Packaging     
(Tape & 
Reel)
RoHS
UM1
UM1 Through hole  = MO
Gull Wing (SMD) = XO
UM5
UM5 Through hole  = NO
Gull Wing (SMD) = ZO
8MHz = 0800
27MHz = 2700
Note: Use the first 4 
characters of the 
frequency in Hz i.e.      
27MHz =27000000Hz  
If the frequency is 
100MHz or higher then 
the first 5 characters 
are used
±5 = A
±10 = E
±15 = F
±20 = G
±25 = H
±30 = I
±50 = L
±5 = B
±10 = F
±15 = G
±20 = I
±25 = J
±30 = K
±50 = O
‐10~+60 = E
 ‐20~+70 = G
‐30~+80 = K
  ‐40~+85 = M
8 = GO
9 = JO
10 = KO
11 = MO
12 = OO
13 = YO
14 = ZO
15 = PO
16 = RO
18 = TO
20 = VO
22 = WO
30 = DA
SR = SR
F’mental = F   
3  OT = A
Loose  = L     
 
RoHS = ‐pF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : MO0800GKLGOFL‐PF [8.000MHz], MO2700GKLGOFL‐PF [27.000MHz] , MO2457GKLGOFL‐PF [24.576MHz]
UM1 & UM5 Series
Crystal unit
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Please enquire for SMD gull wing type mechanical drawing 
Please enquire for 3 lead option 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com