Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2402A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC2402A
Description  24 CHARACTERS x 2 LINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2402A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC2402A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC2402A ( 24 CHARACTERS x 2 LINES )
■
■
■
■
FEATURES
■
■
■
■
ELECTRICAL CHARACTERISTICS
◆
5 x 7 DOTS WITH CURSOR
SYMBOL CONDITION MIN. TYP. MAX. UNIT
◆
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0℃
-
4.8
-
V
◆
5 V POWER SUPPLY
Voltage
VDD-VO
T=25℃
-
4.5
-
V
◆
1/16 DUTY CYCLE
T=50℃
-
4.2
-
V
◆
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-2
4
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0
-
0.6
V
■
■
■
■
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
ITEM
DIMENSIONS
UNIT
Voltage
"LOW" Level
VOL
-
-
-
0.4
V
Module Size (W x H x T)
118.0 x 36.0 x 8.8 ( 12.7 LED )
mm
Viewing Area ( W x H )
93.5 x 16.0
mm
■ BLOCK DIAGRAM
Character Size ( W x H )
3.20 x 5.55
mm
Character Pitch (W x H)
3.70 x 5.95
mm
Dot Size ( W x H )
0.60 x 0.65
mm
Dot Pitch ( W x H )
0.65 x 0.70
mm
■
■
■
■
INTERFACE PIN CONNECTIONS
NO. SYMBOL
NO. SYMBOL
FUNCTION
1VSS
Supply Ground
9
DB2
Data Bit 2
2VDD
Supply Voltage
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4
RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6
E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
■
■
■
■
EXTERNAL DIMENSIONS
ITEM
FUNCTION
LCD
CONTROLLER
LCD PANEL
LCD SEGMENT
DRIVER
LED BACKLIGHT
COM16
SEG40
4
DB0
DB7
RS
R/W
E
Vo
VDD
Vss
A
K
SEG80


Similar Part No. - SC2402A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC240 NJSEMI-SC240 Datasheet
228Kb / 4P
Hermetic Triacs
SC240 NJSEMI-SC240 Datasheet
228Kb / 4P
Hermetic Triacs
logo
VITALCONN ELECTRONICS H...
SC24016 VITALCONN-SC24016 Datasheet
483Kb / 4P
SFP28 2*4 CAGECONN
logo
DB Unlimited.
SC240908-1 DBUNLIMITED-SC240908-1 Datasheet
308Kb / 1P
Released from Engineering
logo
France Joint
SC240X270X15 FRANCEJOINT-SC240X270X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC2402A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC1602B ETC-SC1602B Datasheet
91Kb / 1P
16 CHARACTERS x 2 LINES
DV24200 ETC-DV24200 Datasheet
961Kb / 1P
DV series 24 characters x 2 lines
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
LC1625 ETC-LC1625 Datasheet
31Kb / 1P
16 characters x 2 lines
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
logo
Hantronix,Inc
HDM24216H-2 HANTRONIX-HDM24216H-2 Datasheet
29Kb / 1P
24 Characters x 2 Lines
HDM24216L-2 HANTRONIX-HDM24216L-2 Datasheet
31Kb / 1P
24 Characters x 2 Lines LED Backlight
HDM24216L-2 HANTRONIX-HDM24216L-2_15 Datasheet
36Kb / 1P
24 Characters x 2 Lines LED Backlight
HDM24216H-2-S00S HANTRONIX-HDM24216H-2-S00S Datasheet
31Kb / 2P
24 Characters x 2 Lines
HDM24216L-2-L30S HANTRONIX-HDM24216L-2-L30S Datasheet
38Kb / 2P
24 Characters x 2 Lines LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com