Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS75N75CF Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # JCS75N75CF
Description  75V,80A Heatsink Planar N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

JCS75N75CF Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  JCS75N75CF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. JCS75N75CF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. JCS75N75CF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. JCS75N75CF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. JCS75N75CF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUITS AND WAVEFORMS
Same
Type as
D.U.T.
L
VDD
Drive
r
VGS
RG
-
VD
S
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
1A Peak Diode Recovery dv/dt Test Circuit
1B Peak Diode Recovery dv/dt Waveforms
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 3/5
Rev.08C
JCS75N75CF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com