Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO2700AGMGOAL-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # MO2700AGMGOAL-PF
Description  Crystal Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

MO2700AGMGOAL-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  MO2700AGMGOAL-PF Datasheet HTML 1Page - Advanced Crystal Technology MO2700AGMGOAL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UM1 & UM5 Series
RoHS & REACH compliant
Metal can Through hole type crystal unit  : UM1: 8mm height, UM5 : 6mm height
wide frequency range
SMD gull wing type and 3 lead option available
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency Range
F_nom
 3.5MHz ~ 100.0MHz (UM1) 
10.0MHz~100.0MHz (UM5)
 Table 1
 Frequency Tolerance
F_tol  ±5.0ppm ~ ±50.0ppm  ±30.0ppm standard
 Frequency stability over operating  temperature range
F_stb  ±5.0ppm ~ ±50.0ppm   Table 2
 Operating Temperature Range 
T_use  ‐10°C ~ +60°C, ‐20°C  ~ +70°C, ‐40°C ~ +85°C
  Table 2
 Storage temperature 
T_stg  ‐55°C ~ +125°C
 Load capacitance
CL
  5.0pF ~ 32.0pF, Series
 Equivalent  Series Resistance
ESR   Table 1
 Shunt capacitance
C0   7.0pF max
 Drive level
DL   500μW max
  100μW typical
 Frequency Aging
F_age   ±3.0ppm/year at 25°C
 Moisture sensitivity level
MSL   1 (unlimited)
 Electrostatic discharge
ESD   Not applicable
 Insulation resistance
IR
  500MΩ min
  At 100V DC
Table 1. Frequency vs ESR 
 UM1 Series
3.5Hz ~ 4.5MHz (Fund.)
200Ω
4.5MHz ~ 6.0MHzFund.)
150Ω
6.0MHz ~ 7.0MHzFund.)
120Ω
7.0MHz ~ 8.0MHzFund.)
100Ω
8.0MHz ~ 9.0MHzFund.)
60Ω
9.0MHz ~ 11.0MHzFund.)
40Ω
11.0MHz ~ 13.0MHzFund.)
35Ω
13.0MHz ~ 50.0MHzFund.)
30Ω
26.0MHz ~ 100.0MHz(3  OT)
45Ω
 Table 2 Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±10
±15
±20
±30
±50
 ‐10°C ~ 60°C 
√
√√√
√
‐20°C ~ 70°C 
√
√√√
√
‐40°C ~ 85°C 
Enq.
Enq.
√√
√
Crystal unit
 Dimensions (mm)
 Table 1. Frequency vs ESR 
UM5 Series 
10.0MHz ~ 12.0MHz (Fund.)
120Ω
12.)MHz ~ 13.0MHz (Fund.)
80Ω
13.0MHz ~ 50.0MHz(Fund.)
40Ω
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
For Cropped lead  crystal options and crystal with washer fitted  are available ; Please check part numbering for ordering code. 
7.7±0.2
Top view
Side view
6.9±0.1
H
3.75±0.2
Ø0.35±0.05
2.2±0.1
Package
H max
UM1
8.0mm
UM5
6.0mm
Front
 view


Similar Part No. - MO2700AGMGOAL-PF

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO270 EXTECH-MO270 Datasheet
227Kb / 1P
Wireless Combination Pin/Pinless Moisture Meter
More results

Similar Description - MO2700AGMGOAL-PF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
HC-49S WINGS-HC-49S Datasheet
52Kb / 3P
CRYSTAL UNIT
HC-49SSMD WINGS-HC-49SSMD Datasheet
52Kb / 3P
CRYSTAL UNIT
SMD0705 WINGS-SMD0705 Datasheet
52Kb / 3P
CRYSTAL UNIT
logo
Raltron Electronics Cor...
A-3.8912-20 RALTRON-A-3.8912-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-4.000-20 RALTRON-A-4.000-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-12.288-20 RALTRON-A-12.288-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-21.250-18 RALTRON-A-21.250-18 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-36.864-10-3OT RALTRON-A-36.864-10-3OT Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
logo
Advanced Crystal Techno...
HC49US-SMX ACT-HC49US-SMX Datasheet
201Kb / 2P
Crystal unit
1/2/2017
logo
Seiko Instruments Inc
VT-200-F SII-VT-200-F Datasheet
503Kb / 1P
Quartz Crystal Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com