Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9302ALT Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC9302ALT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302ALT Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC9302ALT Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9302ALT Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
13
5. FLASH FUNCTION/TIME(DURATION) SELECTION TABLE
RK13
RK14
Flash Function
Flash
Time
(TF)
No
No
Control
600ms
No
Yes
Digit
600ms
Yes
No
Digit
98ms
Yes
Yes
Digit
300ms
6. PAUSE AND P
T DURATION SELECTION TABLE
RK21
TP (sec)
TP T (sec)
No
3.6
3.6
Yes
2
1
7. PULSE NUMBER SELECTION TABLE
• This table shows pulse number selections for SC9302X AND SC9302XT. The table for SC9302XLT is used to
select IDD lock function.
RK31
RK41
Pulse Number
No
No
N
No
Yes
N + 1
Yes
No
10-N
Yes
Yes
--
• SC9302G has different selection method listed in the table below.
RK31
Pulse Number
No
N
Yes
10-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com