Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16261 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # F16261
Description  Florence Lens array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16261 Datasheet(HTML) 3 Page - Ledil, Inc.

  F16261 Datasheet HTML 1Page - Ledil, Inc. F16261 Datasheet HTML 2Page - Ledil, Inc. F16261 Datasheet HTML 3Page - Ledil, Inc. F16261 Datasheet HTML 4Page - Ledil, Inc. F16261 Datasheet HTML 5Page - Ledil, Inc. F16261 Datasheet HTML 6Page - Ledil, Inc. F16261 Datasheet HTML 7Page - Ledil, Inc. F16261 Datasheet HTML 8Page - Ledil, Inc. F16261 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A
H
B
G
3
2
4
1
SCALE
1:1
WEIGHT
88,61 g
A3
SHEET 1/1
Plastic molding general tolerances
are based on DIN 16901 and applies
if not otherwise shown in drawing.
Silicone molding general tolerances
are based on ISO 3302-1:2014(E)
and applies if not
otherwise shown in drawing.
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
F16261_FLORENCE-Z90-B
PRODUCTION DRAWING
PART
TYPE MATERIAL COLOR / COATING
F16261_FLORENCE-Z90-B
LENS PMMA
CLEAR
6 . 6 6
1 2 4 . 8 5
8 5 . 2 5
2 0 0 . 7 5
1 8 2
1 3
PCB or Heat Sink level
Led location see red dot
Ensure LED fitting, see our web site and/or 3D model for part detail.
See installation details page 2.
A
B
B
C
Isometric view
Scale:
1:2
6 . 3
1 . 3
Detail A
Scale:
2:1
5
3 . 4 7
Section view B-B
Scale:
1:1
Detail C
Scale:
5:1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com