Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS15847 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FS15847
Description  Florence Assembly
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FS15847 Datasheet(HTML) 1 Page - Ledil, Inc.

  FS15847 Datasheet HTML 1Page - Ledil, Inc. FS15847 Datasheet HTML 2Page - Ledil, Inc. FS15847 Datasheet HTML 3Page - Ledil, Inc. FS15847 Datasheet HTML 4Page - Ledil, Inc. FS15847 Datasheet HTML 5Page - Ledil, Inc. FS15847 Datasheet HTML 6Page - Ledil, Inc. FS15847 Datasheet HTML 7Page - Ledil, Inc. FS15847 Datasheet HTML 8Page - Ledil, Inc. FS15847 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCT DATASHEET
Florence series
last update 29/9/2017
DETAILS
Product Number
FS15847_FLORENCE-3R-IP-O
Family
Florence
Type
Assembly
Color
clear
Diameter
321 + 79 mm
Height
9,4 mm
Style
rectang
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
29/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON 5050
sim: 85+54
sim: 88 % sim: 0.590 -
PLG2-BAR-1100-xxx-280x55-DC
84+40 deg
86 %
0.680
-
Duris S10
sim: 84+70
sim: 86 % sim: 0.490 -
Duris S8
sim: 84+51
sim: 88 % sim: 0.620 -
Fortimo LED Line 1ft 1100lm xx0 3R xV2/xV3
83+38 deg
88 %
0.720
-
Fortimo LED Line 1ft 2000lm 8xx 3R HV278+38 deg
87 %
0.750
-
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
86+39 deg
87 %
0.710
-
LM302B
sim: 82+28
sim: 86 % sim: 0.920 -
LM561B Plus
sim: 82+28
sim: 86 % sim: 0.930 -
Z8Y22
sim: 90+40
sim: 92 % sim: 0.700 -
Z8Y22P
sim: 91+40
sim: 91 % sim: 0.680 -
SEOUL 3528
sim: 87+31
sim: 88 % sim: 0.840 -
January 24th 2018 2:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FS15847

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FS15 FS-FS15 Datasheet
280Kb / 2P
Schottky Rectifier
logo
Power-One
FS1501-7R POWER-ONE-FS1501-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Infineon Technologies A...
FS150R06KE3 INFINEON-FS150R06KE3 Datasheet
519Kb / 8P
EconoPACK™3 with fast trench/fieldstop IGBT³ and Emitter Controlled3 diode
revision: 2.0 2013-10-03
logo
eupec GmbH
FS150R06KL4 EUPEC-FS150R06KL4 Datasheet
573Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results

Similar Description - FS15847

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14530 CREE-C14530 Datasheet
2Mb / 43P
Florence series
C14642 CREE-C14642 Datasheet
2Mb / 49P
Florence series
C14454 CREE-C14454 Datasheet
2Mb / 37P
Florence series
F14344 CREE-F14344 Datasheet
2Mb / 43P
Florence series
F15684 CREE-F15684 Datasheet
826Kb / 7P
Florence series
logo
Ledil, Inc.
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
FS15626 LEDIL-FS15626 Datasheet
3Mb / 17P
Florence Assembly
FS15786 LEDIL-FS15786 Datasheet
1Mb / 23P
Florence Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com