Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD500R45PC Datasheet(PDF) 1 Page - International Rectifier

Part # SD500R45PC
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD500R45PC Datasheet(HTML) 1 Page - International Rectifier

  SD500R45PC Datasheet HTML 1Page - International Rectifier SD500R45PC Datasheet HTML 2Page - International Rectifier SD500R45PC Datasheet HTML 3Page - International Rectifier SD500R45PC Datasheet HTML 4Page - International Rectifier SD500R45PC Datasheet HTML 5Page - International Rectifier SD500R45PC Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD500N/R SERIES
STANDARD RECOVERY DIODES
Stud Version
475A
1
Bulletin I2095 rev. A 08/94
www.irf.com
Features
Wide current range
High voltage ratings up to 4500V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
TypicalApplications
Converters
Power supplies
High power drives
Auxiliary system supplies for traction applications
Major Ratings and Characteristics
I
F(AV)
475
A
@ T
C
55
°C
I
F(RMS)
745
A
I
FSM
@ 50Hz
7500
A
@ 60Hz
7850
A
I2t@ 50Hz
281
KA2s
@ 60Hz
257
KA2s
V
RRM
range
3000 to 4500
V
T
J
- 40 to 150
°C
Parameters
SD500N/R
Units
case style
B-8


Similar Part No. - SD500R45PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD500R IRF-SD500R Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD500R45PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
300DR NELLSEMI-300DR Datasheet
3Mb / 7P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com