Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15069 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15069
Description  Florence Lens array
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15069 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15069 Datasheet HTML 1Page - Ledil, Inc. F15069 Datasheet HTML 2Page - Ledil, Inc. F15069 Datasheet HTML 3Page - Ledil, Inc. F15069 Datasheet HTML 4Page - Ledil, Inc. F15069 Datasheet HTML 5Page - Ledil, Inc. F15069 Datasheet HTML 6Page - Ledil, Inc. F15069 Datasheet HTML 7Page - Ledil, Inc. F15069 Datasheet HTML 8Page - Ledil, Inc. F15069 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PRODUCT DATASHEET
Florence series
last update 7/7/2016
DETAILS
Product Number
F15069_FLORENCE-O
Family
Florence
Type
Lens array
Color
clear
Diameter
61 x 286 mm
Height
8,45 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
7/07/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
TRIDINO R3 8x0 1100 1ft HV
94+45 deg
Oval
88 %
0.660
-
LG 6030
sim: 84+35
Oval
sim: 89 % sim: 0.820 -
LG 5630
sim: 90+37
Oval
sim: 89 % sim: 0.760 -
LG 7030
88+47 deg
Oval
94 %
0.700
-
NVSxE21A
sim: 93+28
Oval
sim: 92 % sim: 0.940 -
Duris E5
sim: 89+37
Oval
-
sim: 0.810 -
Duris S8
sim: 88+50
Oval
sim: 90 % sim: 0.620 -
Fortimo LED Line 1ft 1100lm xx0 3R xV2/xV3
sim: 84+35
Oval
sim: 89 % sim: 0.820 -
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
sim: 90+37
Oval
sim: 89 % sim: 0.760 -
LM561B Plus
sim: 90+37
Oval
sim: 91 % sim: 0.770 -
LM302B
sim: 90+33
Oval
sim: 92 % sim: 0.920 -
LM28xB Series
sim: 91+33
Oval
sim: 92 % sim: 0.910 -
SEOUL 5630C
sim: 87+38
Oval
sim: 87 % sim: 0.740 -
SEOUL 5630D
sim: 87+37
Oval
sim: 89 % sim: 0.770 -
January 24th 2018 2:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F15069

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
F150-VKP2M OMRON-F150-VKP2M Datasheet
638Kb / 5P
Operator Interfaces/HMIs NS
F150-VKP5M OMRON-F150-VKP5M Datasheet
638Kb / 5P
Operator Interfaces/HMIs NS
logo
C&K Components
F1501 CK-COMPONENTS-F1501 Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
Littelfuse
F150145-ND LITTELFUSE-F150145-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
logo
C&K Components
F1502 CK-COMPONENTS-F1502 Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
More results

Similar Description - F15069

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
F15244 LEDIL-F15244 Datasheet
1Mb / 11P
Florence Lens array
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com