Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX665 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # OX665
Description  OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX665 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  OX665 Datasheet HTML 1Page - Advanced Crystal Technology OX665 Datasheet HTML 2Page - Advanced Crystal Technology OX665 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OX665 Series
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 1: Frequency stability selection (Typical, @ 10.00MHz)
Temperature
 (°C)
Temperature stability
(ppb)
Day‐aging
(ppb)
Year‐aging 
(ppb)
Stability vs. Voltage
(ppb)
Stability vs. Load
(ppb)
‐20°C ~ +70°C
±0.05
±0.1
±10.0
±0.1
±0.1
‐20°C ~ +70°C
±0.02
±0.1
±10.0
±0.1
±0.1
‐20°C ~ +70°C
±0.01
±0.1
±10.0
±0.1
±0.1
‐30°C ~ +75°C
±0.05
±0.1
±10.0
±0.1
±0.1
‐30°C ~ +75°C
±0.02
±0.1
±10.0
±0.1
±0.1
‐30°C ~ +75°C
±0.01
±0.1
±10.0
±0.1
±0.1
‐40°C ~ +85°C
±0.05
±0.1
±10.0
±0.1
±0.1
‐40°C ~ +85°C
±0.02
±0.1
±10.0
±0.1
±0.1
‐40°C ~ +85°C
±0.01
±0.1
±10.0
±0.1
±0.1
Mechanical dimensions and Pin functions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com