Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-33MX0-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-33MX0-R
Description  Latching SPDT Coaxial Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33MX0-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-33MX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33MX0-R Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33M/CR-33M Page 1
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCR-33M
CR-33M
DC–3 GHz
DC–3 GHz
Characteristic Impedance
75 Ohms
Operate Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
140 170 90
65 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-33M
Elite Model, CR-33M
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
mini-SMB
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
PART NUMBERING SYSTEM
Connector
M: mini-SMB Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 7-8
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCR-33
M
6
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCR-33M
Commercial Latching SPDT, DC-3GHz
CR-33M
Elite Latching SPDT, DC-3GHz
The CCR-33M/CR-33M is a broadband, SPDT, electromechanical, coaxial switch designed to switch
a microwave signal from a common input to either of two outputs. The characteristic impedance is 75
Ohms. The small switches incorporate mini-SMB connectors.
The CCR-33M/CR-33M series switch is offered with a latching actuator. This design is compatible with
the two most common mounting hole patterns. The CCR-33M/CR-33M series switch is interchangeable
with a variety of switches.
PERFORMANCE CHARACTERISTICS
Frequency
DC–1 GHz
1–2 GHz
2–3 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.2
Isolation, dB, min.
60
60
60
VSWR , max.
1.1:1
1.3:1
1.3:1


Similar Part No. - CCR-33MX0-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33MX0-D TELEDYNE-CCR-33MX0-D Datasheet
486Kb / 7P
CCR-33SXC
CCR-33MX0-DM TELEDYNE-CCR-33MX0-DM Datasheet
486Kb / 7P
CCR-33SXC
CCR-33MX0-DMS TELEDYNE-CCR-33MX0-DMS Datasheet
486Kb / 7P
CCR-33SXC
CCR-33MX0-DN TELEDYNE-CCR-33MX0-DN Datasheet
486Kb / 7P
CCR-33SXC
CCR-33MX0-DNM TELEDYNE-CCR-33MX0-DNM Datasheet
486Kb / 7P
CCR-33SXC
More results

Similar Description - CCR-33MX0-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
Latching SPDT Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
Latching Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
Latching SPDT Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com