Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-33K60-R Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CCR-33K60-R
Description  Latching SPDT Coaxial Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33K60-R Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

  CCR-33K60-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-33K60-R Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-33K/CR-33K Page 7
CCR-33K\CR-33K\082013\Q3
Series CCR-33K/CR-33K
Miniature DC–33.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCR-33K/CR-33K PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
1
CCR-33KXC
43
CCR-33KXD-N
85
CCR-33KXE-TNM
127
CR-33KXC
2
CCR-33KXC-D
44
CCR-33KXD-N
86
CCR-33KXE-TNMS
128
CR-33KXC-D
3
CCR-33KXC-DM
45
CCR-33KXD-NM
87
CCR-33KXE-TNS
129
CR-33KXC-DM
4
CCR-33KXC-DMS
46
CCR-33KXD-NMS
88
CCR-33KX0
130
CR-33KXC-DMS
5
CCR-33KXC-DN
47
CCR-33KXD-NS
89
CCR-33KX0-D
131
CR-33KXC-DN
6
CCR-33KXC-DNM
48
CCR-33KXD-R
90
CCR-33KX0-DM
132
CR-33KXC-DNM
7
CCR-33KXC-DNMS
49
CCR-33KXD-RM
91
CCR-33KX0-DMS
133
CR-33KXC-DNMS
8
CCR-33KXC-DNS
50
CCR-33KXD-RMS
92
CCR-33KX0-DN
134
CR-33KXC-DNS
9
CCR-33KXC-DR
51
CCR-33KXD-RN
93
CCR-33KX0-DNM
135
CR-33KXC-DR
10
CCR-33KXC-DRM
52
CCR-33KXD-RNM
94
CCR-33KX0-DNMS
136
CR-33KXC-DRM
11
CCR-33KXC-DRMS
53
CCR-33KXD-RNMS
95
CCR-33KX0-DNS
137
CR-33KXC-DRMS
12
CCR-33KXC-DRN
54
CCR-33KXD-RNS
96
CCR-33KX0-DR
138
CR-33KXC-DRN
13
CCR-33KXC-DRNMS
55
CCR-33KXD-RS
97
CCR-33KX0-DRM
139
CR-33KXC-DRNMS
14
CCR-33KXC-DRNS
56
CCR-33KXD-S
98
CCR-33KX0-DRMS
140
CR-33KXC-DRNS
15
CCR-33KXC-DRS
57
CCR-33KXD-T
99
CCR-33KX0-DRN
141
CR-33KXC-DRS
16
CCR-33KXC-DS
58
CCR-33KXD-TM
100
CCR-33KX0-DRNMS
142
CR-33KXC-DS
17
CCR-33KXC-M
59
CCR-33KXD-TMS
101
CCR-33KX0-DRNS
143
CR-33KXC-M
18
CCR-33KXC-MS
60
CCR-33KXD-TN
102
CCR-33KX0-DRS
144
CR-33KXC-MS
19
CCR-33KXC-N
61
CCR-33KXD-TNM
103
CCR-33KX0-DS
145
CR-33KXC-N
20
CCR-33KXC-NM
62
CCR-33KXD-TNMS
104
CCR-33KX0-M
146
CR-33KXC-NM
21
CCR-33KXC-NMS
63
CCR-33KXD-TNS
105
CCR-33KX0-MS
147
CR-33KXC-NMS
22
CCR-33KXC-NS
64
CCR-33KXE
106
CCR-33KX0-N
148
CR-33KXC-NS
23
CCR-33KXC-R
65
CCR-33KXE-M
107
CCR-33KX0-NM
149
CR-33KXC-R
24
CCR-33KXC-RM
66
CCR-33KXE-MS
108
CCR-33KX0-NMS
150
CR-33KXC-RM
25
CCR-33KXC-RMS
67
CCR-33KXE-N
109
CCR-33KX0-NS
151
CR-33KXC-RMS
26
CCR-33KXC-RN
68
CCR-33KXE-N
110
CCR-33KX0-R
152
CR-33KXC-RN
27
CCR-33KXC-RNM
69
CCR-33KXE-NM
111
CCR-33KX0-RM
153
CR-33KXC-RNM
28
CCR-33KXC-RNMS
70
CCR-33KXE-NMS
112
CCR-33KX0-RMS
154
CR-33KXC-RNMS
29
CCR-33KXC-RNS
71
CCR-33KXE-NS
113
CCR-33KX0-RN
155
CR-33KXC-RNS
30
CCR-33KXC-RS
72
CCR-33KXE-R
114
CCR-33KX0-RNM
156
CR-33KXC-RS
31
CCR-33KXC-S
73
CCR-33KXE-RM
115
CCR-33KX0-RNMS
157
CR-33KXC-S
32
CCR-33KXC-T
74
CCR-33KXE-RMS
116
CCR-33KX0-RNS
158
CR-33KXC-T
33
CCR-33KXC-TM
75
CCR-33KXE-RN
117
CCR-33KX0-RS
159
CR-33KXC-TM
34
CCR-33KXC-TMS
76
CCR-33KXE-RNM
118
CCR-33KX0-S
160
CR-33KXC-TMS
35
CCR-33KXC-TN
77
CCR-33KXE-RNMS
119
CCR-33KX0-T
161
CR-33KX0-T
36
CCR-33KXC-TNM
78
CCR-33KXE-RNS
120
CCR-33KX0-TM
162
CR-33KX0-TM
37
CCR-33KXC-TNMS
79
CCR-33KXE-RS
121
CCR-33KX0-TMS
163
CR-33KX0-TMS
38
CCR-33KXC-TNS
80
CCR-33KXE-S
122
CCR-33KX0-TN
164
CR-33KX0-TN
39
CCR-33KXC-TS
81
CCR-33KXE-T
123
CCR-33KX0-TNM
165
CR-33KX0-TNM
40
CCR-33KXD
82
CCR-33KXE-TM
124
CCR-33KX0-TNMS
166
CR-33KX0-TNMS
41
CCR-33KXD-M
83
CCR-33KXE-TMS
125
CCR-33KX0-TNS
167
CR-33KX0-TNS
42
CCR-33KXD-MS
84
CCR-33KXE-TN
126
CCR-33KX0-TS
168
CR-33KX0-TS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com