Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX1640 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # OX1640
Description  Ultra low noise OCXO, Sine wave, 41.0 x 30.0 x16.0mm, SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX1640 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  OX1640 Datasheet HTML 1Page - Advanced Crystal Technology OX1640 Datasheet HTML 2Page - Advanced Crystal Technology OX1640 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OX1640 Series
Ultra low noise OCXO, Sine wave, 41.0 x 30.0 x16.0mm, SMD
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 1: Phase noise  (Unit: dBc/Hz)
Offset
Option AOption BOption C
1 Hz
‐110
‐112
‐115
10 Hz
‐142
‐144
‐146
100 Hz
‐155
‐156
‐157
1 kHz
‐160
‐160
‐160
≥10 kHz
‐160
‐160
‐160
Table 2: Frequency stability vs operating temperature range
Temperature (°C)
±5.0ppb
±10.0ppb
±25.0ppb
±50.0ppb
±100.0ppb
±200.0ppb
0°C ~ +50
√√
√√√√
‐10°C ~ +60
√√
√√√√
‐20°C ~ +70
√√
√√√√
‐30°C ~ +70
Enquire
√
√√√√
‐40°C ~ +75
Enquire
Enquire
√√√√
‐40°C ~ +85
Enquire
Enquire
√√√√
‐55°C ~ +85
X
Enquire
Enquire
√√√
Mechanical dimensions and Pin functions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com