Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-38SX60-RMS Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CT-38SX60-RMS
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CT-38SX60-RMS Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button CT-38SX60-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 9Page - Teledyne Technologies Incorporated CT-38SX60-RMS Datasheet HTML 10Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CCT-38S/CT-38S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCT-38SX6C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
000
On
Off Off Off Off Off
C
00000
100
Off
On
Off Off Off Off
0
C
0000
010
Off Off
On
Off Off Off
0
0
C
000
1
1
0
Off Off Off
On
Off Off
000
C
00
0
0
1
Off Off Off Off
On
Off
0000
C
0
1
0
1
Off Off Off Off Off
On
00000
C
1
1
1
Off Off Off Off Off Off
000000
TRUTH TABLE Normally Open
CCT-38SX5C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
E
F
G
H
K
000
On
Off Off Off Off
C
0000
100
Off
On
Off Off Off
0
C
000
010
Off Off
On
Off Off
0
0
C
00
1
1
0
Off Off Off
On
Off
000
C
0
0
0
1
Off Off Off Off
On
0000
C
1
1
1
Off Off Off Off Off
00000
TRUTH TABLE Normally Open
CCT-38SX5C-T
Logic Input
RF Path
Indicator Switches
12345
J1
J2
J3
J4
J5
E
F
G
H
K
10000
On
Off Off Off Off
C
0000
01000
Off
On
Off Off Off
0
C
000
00100
Off Off
On
Off Off
0
0
C
00
0
0
0
1
0
Off Off Off
On
Off
000
C
0
0
0
0
0
1
Off Off Off Off
On
0000
C
TRUTH TABLE Normally Open
CCT-38SX6C-T
Logic Input
RF Path
Indicator Switches
123456
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
100000
On
Off Off Off Off Off
C
00000
010000
Off
On
Off Off Off Off
0
C
0000
001000
Off Off
On
Off Off Off
0
0
C
000
0
0
0
1
0
0
Off Off Off
On
Off Off
000
C
00
0
0
0
0
1
0
Off Off Off Off
On
Off
0000
C
0
0
0
0
0
0
1
Off Off Off Off Off
On
00000
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com