Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ976 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LSQ976
Description  Information Displays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSQ976 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LSQ976_14 Datasheet HTML 4Page - OSRAM GmbH LSQ976_14 Datasheet HTML 5Page - OSRAM GmbH LSQ976_14 Datasheet HTML 6Page - OSRAM GmbH LSQ976_14 Datasheet HTML 7Page - OSRAM GmbH LSQ976_14 Datasheet HTML 8Page - OSRAM GmbH LSQ976_14 Datasheet HTML 9Page - OSRAM GmbH LSQ976_14 Datasheet HTML 10Page - OSRAM GmbH LSQ976_14 Datasheet HTML 11Page - OSRAM GmbH LSQ976_14 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2014-06-04
8
Version 1.2
LS Q976
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TA = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(20 mA) = f(IF); TA = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
V
V (20 mA)
10 -1
0
10
10 1
2
10
mA
10 -3
5
OHL00556
F
I
5
-2
10
5
-1
10
0
10
1
10
I
I
5
5
yellow,
super-red
orange
OHL02378
0
-20
0
0.4
0.8
20
40
60
1.2
(25 ˚C)
V
V
I
1.6
2.0
100
j
˚C
T
orange
yellow
super-red
super-red
yellow
orange
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com