Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-39S630-R Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # CCT-39S630-R
Description  Latching Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-39S630-R Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button CCT-39S630-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-39S630-R Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CCT-39 Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-39S\072013\Q3
Series CCT-39S
Multi-Throw DC-10 GHz, SP9T & SP10T
Latching Coaxial Switch, Internal 50
Ω Termination
COAX SWITCHES
LATCHING CCT-39S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.
1
CCT-39SX9C
43
CCT-39SX90-TMS
85
CCT-39SX00-TDS
2
CCT-39SX9C-D
44
CCT-39SX90-TS
86
CCT-39SX00-TM
3
CCT-39SX9C-DM
45
CCT-39SX0C
87
CCT-39SX00-TMS
4
CCT-39SX9C-DR
46
CCT-39SX0C-D
88
CCT-39SX00-TS
5
CCT-39SX9C-DRM
47
CCT-39SX0C-DM
6
CCT-39SX9C-DRS
48
CCT-39SX0C-DR
7
CCT-39SX9C-DS
49
CCT-39SX0C-DRM
8
CCT-39SX9C-M
50
CCT-39SX0C-DRS
9
CCT-39SX9C-MS
51
CCT-39SX0C-DS
10
CCT-39SX9C-R
52
CCT-39SX0C-M
11
CCT-39SX9C-RM
53
CCT-39SX0C-MS
12
CCT-39SX9C-RMS
54
CCT-39SX0C-R
13
CCT-39SX9C-RS
55
CCT-39SX0C-RM
14
CCT-39SX9C-S
56
CCT-39SX0C-RMS
15
CCT-39SX9C-T
57
CCT-39SX0C-RS
16
CCT-39SX9C-TD
58
CCT-39SX0C-S
17
CCT-39SX9C-TDM
39
CCT-39SX0C-T
18
CCT-39SX9C-TDMS
60
CCT-39SX0C-TD
19
CCT-39SX9C-TDS
61
CCT-39SX0C-TDM
20
CCT-39SX9C-TM
62
CCT-39SX0C-TDMS
21
CCT-39SX9C-TMS
63
CCT-39SX0C-TDS
22
CCT-39SX9C-TS
64
CCT-39SX0C-TM
23
CCT-39SX90
65
CCT-39SX0C-TMS
24
CCT-39SX90-D
66
CCT-39SX0C-TS
25
CCT-39SX90-DM
67
CCT-39SX00
26
CCT-39SX90-DR
68
CCT-39SX00-D
27
CCT-39SX90-DRM
69
CCT-39SX00-DM
28
CCT-39SX90-DRS
70
CCT-39SX00-DR
29
CCT-39SX90-DS
71
CCT-39SX00-DRM
30
CCT-39SX90-M
72
CCT-39SX00-DRS
31
CCT-39SX90-MS
73
CCT-39SX00-DS
32
CCT-39SX90-R
74
CCT-39SX00-M
33
CCT-39SX90-RM
75
CCT-39SX00-MS
34
CCT-39SX90-RMS
76
CCT-39SX00-R
35
CCT-39SX90-RS
77
CCT-39SX00-RM
36
CCT-39SX90-S
78
CCT-39SX00-RMS
37
CCT-39SX90-T
79
CCT-39SX00-RS
38
CCT-39SX90-TD
80
CCT-39SX00-S
39
CCT-39SX90-TDM
81
CCT-39SX00-T
40
CCT-39SX90-TDMS
82
CCT-39SX00-TD
41
CCT-39SX90-TDS
83
CCT-39SX00-TDM
42
CCT-39SX90-TM
84
CCT-39SX00-TDMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com