Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSL296 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LSL296
Description  LCD Backlighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSL296 Datasheet(HTML) 4 Page - OSRAM GmbH

  LSL296_12 Datasheet HTML 1Page - OSRAM GmbH LSL296_12 Datasheet HTML 2Page - OSRAM GmbH LSL296_12 Datasheet HTML 3Page - OSRAM GmbH LSL296_12 Datasheet HTML 4Page - OSRAM GmbH LSL296_12 Datasheet HTML 5Page - OSRAM GmbH LSL296_12 Datasheet HTML 6Page - OSRAM GmbH LSL296_12 Datasheet HTML 7Page - OSRAM GmbH LSL296_12 Datasheet HTML 8Page - OSRAM GmbH LSL296_12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2012-10-01
4
Version 1.0 (Replacement in due course)
LS L296
Characteristics (TA = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Dominant Wavelength 3) page 19
Dominantwellenlänge 3) Seite 19
(min.)
(max.)
λdom
λdom
633
627
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
160
°
Forward voltage 4) page 19
Durchlassspannung 4) Seite 19
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
2.00
2.30
V
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.05
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.00
mV/K
Real thermal resistance junction / ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 19 , 6) Seite 19
(max.)
Rth JA real
500
K/W
Real thermal resistance junction / solder point
6) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 19
(max.)
Rth JS real
290
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com