Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBP2W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEBP2W
Description  Projection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP2W Datasheet(HTML) 1 Page - OSRAM GmbH

  LEBP2W Datasheet HTML 1Page - OSRAM GmbH LEBP2W Datasheet HTML 2Page - OSRAM GmbH LEBP2W Datasheet HTML 3Page - OSRAM GmbH LEBP2W Datasheet HTML 4Page - OSRAM GmbH LEBP2W Datasheet HTML 5Page - OSRAM GmbH LEBP2W Datasheet HTML 6Page - OSRAM GmbH LEBP2W Datasheet HTML 7Page - OSRAM GmbH LEBP2W Datasheet HTML 8Page - OSRAM GmbH LEBP2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2017-06-28
1
2017-06-28
OSRAM OSTAR Projection Power
Datasheet
Version 2.13
LE B P2W
OSRAM OSTAR Projection Power is a high luminance
LED for projection applications.
Die OSRAM OSTAR Projection Power ist eine LED mit
hoher Leuchtdichte für Projektionsanwendungen.
Features:
Besondere Merkmale:
•
Package: OSTAR High Power Projection
•
Gehäusetyp: OSTAR High Power Projection
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: blue (459 nm)
•
Farbe: blau (459 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Projection
•
Projektion


Similar Part No. - LEBP2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP2W-FZGZ-24 OSRAM-LEBP2W-FZGZ-24 Datasheet
977Kb / 20P
OSTAR High Power Projection
More results

Similar Description - LEBP2W

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-40WDF-QHA-CW-U PARALIGHT-PARA-SPL-40WDF-QHA-CW-U Datasheet
252Kb / 9P
LED Projection Lamp
logo
OSRAM GmbH
LEAP1W OSRAM-LEAP1W Datasheet
786Kb / 21P
Projection
LEBP1W OSRAM-LEBP1W Datasheet
870Kb / 21P
Projection
LECGP1A OSRAM-LECGP1A Datasheet
949Kb / 23P
Projection
LECGP2A OSRAM-LECGP2A Datasheet
989Kb / 22P
Projection
LEAP2W OSRAM-LEAP2W Datasheet
873Kb / 20P
Projection
logo
Bosch Sensortec GmbH
BML100PI BOSCH-BML100PI Datasheet
214Kb / 2P
Interactive Projection Module
logo
Toshiba Semiconductor
44NHM84 TOSHIBA-44NHM84 Datasheet
852Kb / 26P
PROJECTION TV
2004
52HM85 TOSHIBA-52HM85 Datasheet
4Mb / 34P
Projection Television
2005
56HM195 TOSHIBA-56HM195 Datasheet
6Mb / 45P
Projection Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com