Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGR971 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGR971
Description  Optical Indicator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGR971 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGR971 Datasheet HTML 1Page - OSRAM GmbH LGR971 Datasheet HTML 2Page - OSRAM GmbH LGR971 Datasheet HTML 3Page - OSRAM GmbH LGR971 Datasheet HTML 4Page - OSRAM GmbH LGR971 Datasheet HTML 5Page - OSRAM GmbH LGR971 Datasheet HTML 6Page - OSRAM GmbH LGR971 Datasheet HTML 7Page - OSRAM GmbH LGR971 Datasheet HTML 8Page - OSRAM GmbH LGR971 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-11-06
1
2012-11-06
CHIPLED 0805
Datasheet
Version 1.0
LG R971
Features:
Besondere Merkmale:
• Package: SMT package 0805, colorless diffused
resin, 2 mm x 1.25 mm x 0.8 mm
• Gehäusetyp: SMT package 0805, farbloser
diffuser Verguss, 2 mm x 1.25 mm x 0.8 mm
• Technology: GaP
• Technologie: GaP
• Viewing angle at 50 % IV: 160°
• Abstrahlwinkel bei 50 % IV: 160°
• Color: green (570 nm)
• Farbe: grün (570 nm)
• Optical efficiency (typ.): 2.5 lm/W (green)
• Optischer Wirkungsgrad (typ.): 2.5 lm/W (grün)
• ESD - withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• LCD Backlighting
• LCD Beleuchtung
• Pushbuttons and Switches
• Schalter und Taster
• Toys
• Spielsachen


Similar Part No. - LGR971

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
logo
OSRAM GmbH
LGR971 OSRAM-LGR971 Datasheet
986Kb / 21P
Chip LED 0805
2021-09-28 Version 1.3
LGR971-KN-1 OSRAM-LGR971-KN-1 Datasheet
394Kb / 20P
Optical Indicator
logo
Siemens Semiconductor G...
LGR971-KO SIEMENS-LGR971-KO Datasheet
52Kb / 6P
CHIPLED
logo
OSRAM GmbH
LGR971 OSRAM-LGR971_V01 Datasheet
986Kb / 21P
Chip LED 0805
2021-09-28 Version 1.3
More results

Similar Description - LGR971

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
Optical Indicator
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
Optical Indicator
logo
Everlight Electronics C...
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
Optical indicator
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
Optical indicator
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
Optical indicator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com