Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB6SP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LSB6SP
Description  Exterior Automotive Lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSB6SP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LSB6SP Datasheet HTML 6Page - OSRAM GmbH LSB6SP Datasheet HTML 7Page - OSRAM GmbH LSB6SP Datasheet HTML 8Page - OSRAM GmbH LSB6SP Datasheet HTML 9Page - OSRAM GmbH LSB6SP Datasheet HTML 10Page - OSRAM GmbH LSB6SP Datasheet HTML 11Page - OSRAM GmbH LSB6SP Datasheet HTML 12Page - OSRAM GmbH LSB6SP Datasheet HTML 13Page - OSRAM GmbH LSB6SP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2017-01-30
10
Version 1.2
LS B6SP
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
0
20
40
60
80
100
120
TS [°C]
0
20
40
60
80
100
120
140
160
180
200
220
IF [mA]
Do not use below 30 mA
LS B6SP
: TS
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time
[s]
0,2
0,4
0,6
0,8
1,0
IF [A]
TS = 0°C ... 89°C
LS B6SP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time
[s]
0,2
0,4
0,6
0,8
1,0
IF [A]
TS = 110°C
LS B6SP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com