Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-59S850-R Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CCT-59S850-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-59S850-R Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

Back Button CCT-59S850-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCT-59S850-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-59S/CT-59S Page 9
CCT-59S\CT-59S\082013\Q3
Series CCT-59S/CT-59S
Multi-Throw DC-26.5 GHz
Latching Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18 26.5
ST
ANDARD
SMA
SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com