Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-39S840-R Datasheet(PDF) 13 Page - Teledyne Technologies Incorporated

Part # CCR-39S840-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-39S840-R Datasheet(HTML) 13 Page - Teledyne Technologies Incorporated

Back Button CCR-39S840-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-39S840-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-39S/CR-39S Page 13
CCR-39S\CR-39S\072013\Q3
Series CCR-39S/CR-39S
Multi-Throw DC-18 GHz/DC-22 GHz
Latching Coaxial Switch
COAX SWITCHES
PART NO.
337
CR-39SX60-DS
338
CR-39SX60-M
339
CR-39SX60-MS
340
CR-39SX60-R
341
CR-39SX60-RM
342
CR-39SX60-RMS
343
CR-39SX60-RS
344
CR-39SX60-S
345
CR-39SX60-T
346
CR-39SX60-TD
347
CR-39SX60-TDM
348
CR-39SX60-TDMS
349
CR-39SX60-TDS
350
CR-39SX60-TM
351
CR-39SX60-TMS
352
CR-39SX60-TS
LATCHING CCR-39S/CR-39S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com