Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-39S850-R Datasheet(PDF) 11 Page - Teledyne Technologies Incorporated

Part # CCR-39S850-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-39S850-R Datasheet(HTML) 11 Page - Teledyne Technologies Incorporated

Back Button CCR-39S850-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-39S850-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-39S/CR-39S Page 11
CCR-39S\CR-39S\072013\Q3
Series CCR-39S/CR-39S
Multi-Throw DC-18 GHz/DC-22 GHz
Latching Coaxial Switch
COAX SWITCHES
LATCHING CCR-39S/CR-39S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
1
CCR-39SX3C
43
CCR-39SX30-TMS
85
CCR-39SX40-TDS
127
CCR-39SX50-TDM
2
CCR-39SX3C-D
44
CCR-39SX30-TS
86
CCR-39SX40-TM
128
CCR-39SX50-TDMS
3
CCR-39SX3C-DM
45
CCR-39SX4C
87
CCR-39SX40-TMS
129
CCR-39SX50-TDS
4
CCR-39SX3C-DR
46
CCR-39SX4C-D
88
CCR-39SX40-TS
130
CCR-39SX50-TM
5
CCR-39SX3C-DRM
47
CCR-39SX4C-DM
89
CCR-39SX5C
131
CCR-39SX50-TMS
6
CCR-39SX3C-DRS
48
CCR-39SX4C-DR
90
CCR-39SX5C-D
132
CCR-39SX50-TS
7
CCR-39SX3C-DS
49
CCR-39SX4C-DRM
91
CCR-39SX5C-DM
133
CCR-39SX6C
8
CCR-39SX3C-M
50
CCR-39SX4C-DRS
92
CCR-39SX5C-DR
134
CCR-39SX6C-D
9
CCR-39SX3C-MS
51
CCR-39SX4C-DS
93
CCR-39SX5C-DRM
135
CCR-39SX6C-DM
10
CCR-39SX3C-R
52
CCR-39SX4C-M
94
CCR-39SX5C-DRS
136
CCR-39SX6C-DR
11
CCR-39SX3C-RM
53
CCR-39SX4C-MS
95
CCR-39SX5C-DS
137
CCR-39SX6C-DRM
12
CCR-39SX3C-RMS
54
CCR-39SX4C-R
96
CCR-39SX5C-M
138
CCR-39SX6C-DRS
13
CCR-39SX3C-RS
55
CCR-39SX4C-RM
97
CCR-39SX5C-MS
139
CCR-39SX6C-DS
14
CCR-39SX3C-S
56
CCR-39SX4C-RMS
98
CCR-39SX5C-R
140
CCR-39SX6C-M
15
CCR-39SX3C-T
57
CCR-39SX4C-RS
99
CCR-39SX5C-RM
141
CCR-39SX6C-MS
16
CCR-39SX3C-TD
58
CCR-39SX4C-S
100
CCR-39SX5C-RMS
142
CCR-39SX6C-R
17
CCR-39SX3C-TDM
39
CCR-39SX4C-T
101
CCR-39SX5C-RS
143
CCR-39SX6C-RM
18
CCR-39SX3C-TDMS
60
CCR-39SX4C-TD
102
CCR-39SX5C-S
144
CCR-39SX6C-RMS
19
CCR-39SX3C-TDS
61
CCR-39SX4C-TDM
103
CCR-39SX5C-T
145
CCR-39SX6C-RS
20
CCR-39SX3C-TM
62
CCR-39SX4C-TDMS
104
CCR-39SX5C-TD
146
CCR-39SX6C-S
21
CCR-39SX3C-TMS
63
CCR-39SX4C-TDS
105
CCR-39SX5C-TDM
147
CCR-39SX6C-T
22
CCR-39SX3C-TS
64
CCR-39SX4C-TM
106
CCR-39SX5C-TDMS
148
CCR-39SX6C-TD
23
CCR-39SX30
65
CCR-39SX4C-TMS
107
CCR-39SX5C-TDS
149
CCR-39SX6C-TDM
24
CCR-39SX30-D
66
CCR-39SX4C-TS
108
CCR-39SX5C-TM
150
CCR-39SX6C-TDMS
25
CCR-39SX30-DM
67
CCR-39SX40
109
CCR-39SX5C-TMS
151
CCR-39SX6C-TDS
26
CCR-39SX30-DR
68
CCR-39SX40-D
110
CCR-39SX5C-TS
152
CCR-39SX6C-TM
27
CCR-39SX30-DRM
69
CCR-39SX40-DM
111
CCR-39SX50
153
CCR-39SX6C-TMS
28
CCR-39SX30-DRS
70
CCR-39SX40-DR
112
CCR-39SX50-D
154
CCR-39SX6C-TS
29
CCR-39SX30-DS
71
CCR-39SX40-DRM
113
CCR-39SX50-DM
155
CCR-39SX60
30
CCR-39SX30-M
72
CCR-39SX40-DRS
114
CCR-39SX50-DR
156
CCR-39SX60-D
31
CCR-39SX30-MS
73
CCR-39SX40-DS
115
CCR-39SX50-DRM
157
CCR-39SX60-DM
32
CCR-39SX30-R
74
CCR-39SX40-M
116
CCR-39SX50-DRS
158
CCR-39SX60-DR
33
CCR-39SX30-RM
75
CCR-39SX40-MS
117
CCR-39SX50-DS
139
CCR-39SX60-DRM
34
CCR-39SX30-RMS
76
CCR-39SX40-R
118
CCR-39SX50-M
160
CCR-39SX60-DRS
35
CCR-39SX30-RS
77
CCR-39SX40-RM
119
CCR-39SX50-MS
161
CCR-39SX60-DS
36
CCR-39SX30-S
78
CCR-39SX40-RMS
120
CCR-39SX50-R
162
CCR-39SX60-M
37
CCR-39SX30-T
79
CCR-39SX40-RS
121
CCR-39SX50-RM
163
CCR-39SX60-MS
38
CCR-39SX30-TD
80
CCR-39SX40-S
122
CCR-39SX50-RMS
164
CCR-39SX60-R
39
CCR-39SX30-TDM
81
CCR-39SX40-T
123
CCR-39SX50-RS
165
CCR-39SX60-RM
40
CCR-39SX30-TDMS
82
CCR-39SX40-TD
124
CCR-39SX50-S
166
CCR-39SX60-RMS
41
CCR-39SX30-TDS
83
CCR-39SX40-TDM
125
CCR-39SX50-T
167
CCR-39SX60-RS
42
CCR-39SX30-TM
84
CCR-39SX40-TDMS
126
CCR-39SX50-TD
168
CCR-39SX60-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com