Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-53S80-R Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCR-53S80-R
Description  Latching SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S80-R Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCR-53S80-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S80-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CCR-53S/CR-53S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCR-53S/CR-53S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
part no.
part no.
part no.
part no.
1
CCR-53SXC
43
CCR-53SXD-N
85
CCR-53SXE-TNM
127
CR-53SXC
2
CCR-53SXC-D
44
CCR-53SXD-N
86
CCR-53SXE-TNMS
128
CR-53SXC-D
3
CCR-53SXC-DM
45
CCR-53SXD-NM
87
CCR-53SXE-TNS
129
CR-53SXC-DM
4
CCR-53SXC-DMS
46
CCR-53SXD-NMS
88
CCR-53SX0
130
CR-53SXC-DMS
5
CCR-53SXC-DN
47
CCR-53SXD-NS
89
CCR-53SX0-D
131
CR-53SXC-DN
6
CCR-53SXC-DNM
48
CCR-53SXD-R
90
CCR-53SX0-DM
132
CR-53SXC-DNM
7
CCR-53SXC-DNMS
49
CCR-53SXD-RM
91
CCR-53SX0-DMS
133
CR-53SXC-DNMS
8
CCR-53SXC-DNS
50
CCR-53SXD-RMS
92
CCR-53SX0-DN
134
CR-53SXC-DNS
9
CCR-53SXC-DR
51
CCR-53SXD-RN
93
CCR-53SX0-DNM
135
CR-53SXC-DR
10
CCR-53SXC-DRM
52
CCR-53SXD-RNM
94
CCR-53SX0-DNMS
136
CR-53SXC-DRM
11
CCR-53SXC-DRMS
53
CCR-53SXD-RNMS
95
CCR-53SX0-DNS
137
CR-53SXC-DRMS
12
CCR-53SXC-DRN
54
CCR-53SXD-RNS
96
CCR-53SX0-DR
138
CR-53SXC-DRN
13
CCR-53SXC-DRNMS
55
CCR-53SXD-RS
97
CCR-53SX0-DRM
139
CR-53SXC-DRNMS
14
CCR-53SXC-DRNS
56
CCR-53SXD-S
98
CCR-53SX0-DRMS
140
CR-53SXC-DRNS
15
CCR-53SXC-DRS
57
CCR-53SXD-T
99
CCR-53SX0-DRN
141
CR-53SXC-DRS
16
CCR-53SXC-DS
58
CCR-53SXD-TM
100
CCR-53SX0-DRNMS
142
CR-53SXC-DS
17
CCR-53SXC-M
59
CCR-53SXD-TMS
101
CCR-53SX0-DRNS
143
CR-53SXC-M
18
CCR-53SXC-MS
60
CCR-53SXD-TN
102
CCR-53SX0-DRS
144
CR-53SXC-MS
19
CCR-53SXC-N
61
CCR-53SXD-TNM
103
CCR-53SX0-DS
145
CR-53SXC-N
20
CCR-53SXC-NM
62
CCR-53SXD-TNMS
104
CCR-53SX0-M
146
CR-53SXC-NM
21
CCR-53SXC-NMS
63
CCR-53SXD-TNS
105
CCR-53SX0-MS
147
CR-53SXC-NMS
22
CCR-53SXC-NS
64
CCR-53SXE
106
CCR-53SX0-N
148
CR-53SXC-NS
23
CCR-53SXC-R
65
CCR-53SXE-M
107
CCR-53SX0-NM
149
CR-53SXC-R
24
CCR-53SXC-RM
66
CCR-53SXE-MS
108
CCR-53SX0-NMS
150
CR-53SXC-RM
25
CCR-53SXC-RMS
67
CCR-53SXE-N
109
CCR-53SX0-NS
151
CR-53SXC-RMS
26
CCR-53SXC-RN
68
CCR-53SXE-N
110
CCR-53SX0-R
152
CR-53SXC-RN
27
CCR-53SXC-RNM
69
CCR-53SXE-NM
111
CCR-53SX0-RM
153
CR-53SXC-RNM
28
CCR-53SXC-RNMS
70
CCR-53SXE-NMS
112
CCR-53SX0-RMS
154
CR-53SXC-RNMS
29
CCR-53SXC-RNS
71
CCR-53SXE-NS
113
CCR-53SX0-RN
155
CR-53SXC-RNS
30
CCR-53SXC-RS
72
CCR-53SXE-R
114
CCR-53SX0-RNM
156
CR-53SXC-RS
31
CCR-53SXC-S
73
CCR-53SXE-RM
115
CCR-53SX0-RNMS
157
CR-53SXC-S
32
CCR-53SXC-T
74
CCR-53SXE-RMS
116
CCR-53SX0-RNS
158
CR-53SXC-T
33
CCR-53SXC-TM
75
CCR-53SXE-RN
117
CCR-53SX0-RS
159
CR-53SXC-TM
34
CCR-53SXC-TMS
76
CCR-53SXE-RNM
118
CCR-53SX0-S
160
CR-53SXC-TMS
35
CCR-53SXC-TN
77
CCR-53SXE-RNMS
119
CCR-53SX0-T
161
CR-53SX0-T
36
CCR-53SXC-TNM
78
CCR-53SXE-RNS
120
CCR-53SX0-TM
162
CR-53SX0-TM
37
CCR-53SXC-TNMS
79
CCR-53SXE-RS
121
CCR-53SX0-TMS
163
CR-53SX0-TMS
38
CCR-53SXC-TNS
80
CCR-53SXE-S
122
CCR-53SX0-TN
164
CR-53SX0-TN
39
CCR-53SXC-TS
81
CCR-53SXE-T
123
CCR-53SX0-TNM
165
CR-53SX0-TNM
40
CCR-53SXD
82
CCR-53SXE-TM
124
CCR-53SX0-TNMS
166
CR-53SX0-TNMS
41
CCR-53SXD-M
83
CCR-53SXE-TMS
125
CCR-53SX0-TNS
167
CR-53SX0-TNS
42
CCR-53SXD-MS
84
CCR-53SXE-TN
126
CCR-53SX0-TS
168
CR-53SX0-TS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com