Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-39S86C-R Datasheet(PDF) 11 Page - Teledyne Technologies Incorporated

Part # CCT-39S86C-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-39S86C-R Datasheet(HTML) 11 Page - Teledyne Technologies Incorporated

Back Button CCT-39S86C-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCT-39S86C-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-39S/CT-39S Page 11
CCT-39S\CT-39S\082013\Q3
Series CCT-39S/CT-39S
Multi-Throw DC-18 GHz/DC-22 GHz
Latching Coaxial Switch
COAX SWITCHES
LATCHING CCT-39S/CT-39S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
1
CCT-39SX3C
43
CCT-39SX30-TMS
85
CCT-39SX40-TDS
127
CCT-39SX50-TDM
2
CCT-39SX3C-D
44
CCT-39SX30-TS
86
CCT-39SX40-TM
128
CCT-39SX50-TDMS
3
CCT-39SX3C-DM
45
CCT-39SX4C
87
CCT-39SX40-TMS
129
CCT-39SX50-TDS
4
CCT-39SX3C-DR
46
CCT-39SX4C-D
88
CCT-39SX40-TS
130
CCT-39SX50-TM
5
CCT-39SX3C-DRM
47
CCT-39SX4C-DM
89
CCT-39SX5C
131
CCT-39SX50-TMS
6
CCT-39SX3C-DRS
48
CCT-39SX4C-DR
90
CCT-39SX5C-D
132
CCT-39SX50-TS
7
CCT-39SX3C-DS
49
CCT-39SX4C-DRM
91
CCT-39SX5C-DM
133
CCT-39SX6C
8
CCT-39SX3C-M
50
CCT-39SX4C-DRS
92
CCT-39SX5C-DR
134
CCT-39SX6C-D
9
CCT-39SX3C-MS
51
CCT-39SX4C-DS
93
CCT-39SX5C-DRM
135
CCT-39SX6C-DM
10
CCT-39SX3C-R
52
CCT-39SX4C-M
94
CCT-39SX5C-DRS
136
CCT-39SX6C-DR
11
CCT-39SX3C-RM
53
CCT-39SX4C-MS
95
CCT-39SX5C-DS
137
CCT-39SX6C-DRM
12
CCT-39SX3C-RMS
54
CCT-39SX4C-R
96
CCT-39SX5C-M
138
CCT-39SX6C-DRS
13
CCT-39SX3C-RS
55
CCT-39SX4C-RM
97
CCT-39SX5C-MS
139
CCT-39SX6C-DS
14
CCT-39SX3C-S
56
CCT-39SX4C-RMS
98
CCT-39SX5C-R
140
CCT-39SX6C-M
15
CCT-39SX3C-T
57
CCT-39SX4C-RS
99
CCT-39SX5C-RM
141
CCT-39SX6C-MS
16
CCT-39SX3C-TD
58
CCT-39SX4C-S
100
CCT-39SX5C-RMS
142
CCT-39SX6C-R
17
CCT-39SX3C-TDM
39
CCT-39SX4C-T
101
CCT-39SX5C-RS
143
CCT-39SX6C-RM
18
CCT-39SX3C-TDMS
60
CCT-39SX4C-TD
102
CCT-39SX5C-S
144
CCT-39SX6C-RMS
19
CCT-39SX3C-TDS
61
CCT-39SX4C-TDM
103
CCT-39SX5C-T
145
CCT-39SX6C-RS
20
CCT-39SX3C-TM
62
CCT-39SX4C-TDMS
104
CCT-39SX5C-TD
146
CCT-39SX6C-S
21
CCT-39SX3C-TMS
63
CCT-39SX4C-TDS
105
CCT-39SX5C-TDM
147
CCT-39SX6C-T
22
CCT-39SX3C-TS
64
CCT-39SX4C-TM
106
CCT-39SX5C-TDMS
148
CCT-39SX6C-TD
23
CCT-39SX30
65
CCT-39SX4C-TMS
107
CCT-39SX5C-TDS
149
CCT-39SX6C-TDM
24
CCT-39SX30-D
66
CCT-39SX4C-TS
108
CCT-39SX5C-TM
150
CCT-39SX6C-TDMS
25
CCT-39SX30-DM
67
CCT-39SX40
109
CCT-39SX5C-TMS
151
CCT-39SX6C-TDS
26
CCT-39SX30-DR
68
CCT-39SX40-D
110
CCT-39SX5C-TS
152
CCT-39SX6C-TM
27
CCT-39SX30-DRM
69
CCT-39SX40-DM
111
CCT-39SX50
153
CCT-39SX6C-TMS
28
CCT-39SX30-DRS
70
CCT-39SX40-DR
112
CCT-39SX50-D
154
CCT-39SX6C-TS
29
CCT-39SX30-DS
71
CCT-39SX40-DRM
113
CCT-39SX50-DM
155
CCT-39SX60
30
CCT-39SX30-M
72
CCT-39SX40-DRS
114
CCT-39SX50-DR
156
CCT-39SX60-D
31
CCT-39SX30-MS
73
CCT-39SX40-DS
115
CCT-39SX50-DRM
157
CCT-39SX60-DM
32
CCT-39SX30-R
74
CCT-39SX40-M
116
CCT-39SX50-DRS
158
CCT-39SX60-DR
33
CCT-39SX30-RM
75
CCT-39SX40-MS
117
CCT-39SX50-DS
139
CCT-39SX60-DRM
34
CCT-39SX30-RMS
76
CCT-39SX40-R
118
CCT-39SX50-M
160
CCT-39SX60-DRS
35
CCT-39SX30-RS
77
CCT-39SX40-RM
119
CCT-39SX50-MS
161
CCT-39SX60-DS
36
CCT-39SX30-S
78
CCT-39SX40-RMS
120
CCT-39SX50-R
162
CCT-39SX60-M
37
CCT-39SX30-T
79
CCT-39SX40-RS
121
CCT-39SX50-RM
163
CCT-39SX60-MS
38
CCT-39SX30-TD
80
CCT-39SX40-S
122
CCT-39SX50-RMS
164
CCT-39SX60-R
39
CCT-39SX30-TDM
81
CCT-39SX40-T
123
CCT-39SX50-RS
165
CCT-39SX60-RM
40
CCT-39SX30-TDMS
82
CCT-39SX40-TD
124
CCT-39SX50-S
166
CCT-39SX60-RMS
41
CCT-39SX30-TDS
83
CCT-39SX40-TDM
125
CCT-39SX50-T
167
CCT-39SX60-RS
42
CCT-39SX30-TM
84
CCT-39SX40-TDMS
126
CCT-39SX50-TD
168
CCT-39SX60-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com