Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-38SX4C-RMS Datasheet(PDF) 13 Page - Teledyne Technologies Incorporated

Part # CCT-38SX4C-RMS
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38SX4C-RMS Datasheet(HTML) 13 Page - Teledyne Technologies Incorporated

Back Button CCT-38SX4C-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 10Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 11Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 12Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 13Page - Teledyne Technologies Incorporated CCT-38SX4C-RMS Datasheet HTML 14Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-38S/CT-38S Page 13
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
NORMALLY OPEN CCT-38S/CT-38S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
169
CCT-38SX60-T
211
CT-38SX30-RS
253
CT-38SX40-RM
295
CT-38SX50-MS
170
CCT-38SX60-TD
212
CT-38SX30-S
254
CT-38SX40-RMS
296
CT-38SX50-R
171
CCT-38SX60-TDM
213
CT-38SX30-T
255
CT-38SX40-RS
297
CT-38SX50-RM
172
CCT-38SX60-TDMS
214
CT-38SX30-TD
256
CT-38SX40-S
298
CT-38SX50-RMS
173
CCT-38SX60-TDS
215
CT-38SX30-TDM
257
CT-38SX40-T
299
CT-38SX50-RS
174
CCT-38SX60-TM
216
CT-38SX30-TDMS
258
CT-38SX40-TD
300
CT-38SX50-S
175
CCT-38SX60-TMS
217
CT-38SX30-TDS
259
CT-38SX40-TDM
301
CT-38SX50-T
176
CCT-38SX60-TS
218
CT-38SX30-TM
260
CT-38SX40-TDMS
302
CT-38SX50-TD
177
CT-38SX3C
219
CT-38SX30-TMS
261
CT-38SX40-TDS
303
CT-38SX50-TDM
178
CT-38SX3C-D
220
CT-38SX30-TS
262
CT-38SX40-TM
304
CT-38SX50-TDMS
179
CT-38SX3C-DM
221
CT-38SX4C
263
CT-38SX40-TMS
305
CT-38SX50-TDS
180
CT-38SX3C-DR
222
CT-38SX4C-D
264
CT-38SX40-TS
306
CT-38SX50-TM
181
CT-38SX3C-DRM
223
CT-38SX4C-DM
265
CT-38SX5C
307
CT-38SX50-TMS
182
CT-38SX3C-DRS
224
CT-38SX4C-DR
266
CT-38SX5C-D
308
CT-38SX50-TS
183
CT-38SX3C-DS
225
CT-38SX4C-DRM
267
CT-38SX5C-DM
309
CT-38SX6C
184
CT-38SX3C-M
226
CT-38SX4C-DRS
268
CT-38SX5C-DR
310
CT-38SX6C-D
185
CT-38SX3C-MS
227
CT-38SX4C-DS
269
CT-38SX5C-DRM
311
CT-38SX6C-DM
186
CT-38SX3C-R
228
CT-38SX4C-M
270
CT-38SX5C-DRS
312
CT-38SX6C-DR
187
CT-38SX3C-RM
229
CT-38SX4C-MS
271
CT-38SX5C-DS
313
CT-38SX6C-DRM
188
CT-38SX3C-RMS
230
CT-38SX4C-R
272
CT-38SX5C-M
314
CT-38SX6C-DRS
189
CT-38SX3C-RS
231
CT-38SX4C-RM
273
CT-38SX5C-MS
315
CT-38SX6C-DS
190
CT-38SX3C-S
232
CT-38SX4C-RMS
274
CT-38SX5C-R
316
CT-38SX6C-M
191
CT-38SX3C-T
233
CT-38SX4C-RS
275
CT-38SX5C-RM
317
CT-38SX6C-MS
192
CT-38SX3C-TD
234
CT-38SX4C-S
276
CT-38SX5C-RMS
318
CT-38SX6C-R
193
CT-38SX3C-TDM
235
CT-38SX4C-T
277
CT-38SX5C-RS
319
CT-38SX6C-RM
194
CT-38SX3C-TDMS
236
CT-38SX4C-TD
278
CT-38SX5C-S
320
CT-38SX6C-RMS
195
CT-38SX3C-TDS
237
CT-38SX4C-TDM
279
CT-38SX5C-T
321
CT-38SX6C-RS
196
CT-38SX3C-TM
238
CT-38SX4C-TDMS
280
CT-38SX5C-TD
322
CT-38SX6C-S
197
CT-38SX3C-TMS
259
CT-38SX4C-TDS
281
CT-38SX5C-TDM
323
CT-38SX6C-T
198
CT-38SX3C-TS
240
CT-38SX4C-TM
282
CT-38SX5C-TDMS
324
CT-38SX6C-TD
199
CT-38SX30
241
CT-38SX4C-TMS
283
CT-38SX5C-TDS
325
CT-38SX6C-TDM
200
CT-38SX30-D
242
CT-38SX4C-TS
284
CT-38SX5C-TM
326
CT-38SX6C-TDMS
201
CT-38SX30-DM
243
CT-38SX40
285
CT-38SX5C-TMS
327
CT-38SX6C-TDS
202
CT-38SX30-DR
244
CT-38SX40-D
286
CT-38SX5C-TS
328
CT-38SX6C-TM
203
CT-38SX30-DRM
245
CT-38SX40-DM
287
CT-38SX50
329
CT-38SX6C-TMS
204
CT-38SX30-DRS
246
CT-38SX40-DR
288
CT-38SX50-D
330
CT-38SX6C-TS
205
CT-38SX30-DS
247
CT-38SX40-DRM
289
CT-38SX50-DM
331
CT-38SX60
206
CT-38SX30-M
248
CT-38SX40-DRS
290
CT-38SX50-DR
332
CT-38SX60-D
207
CT-38SX30-MS
249
CT-38SX40-DS
291
CT-38SX50-DRM
333
CT-38SX60-DM
208
CT-38SX30-R
250
CT-38SX40-M
292
CT-38SX50-DRS
334
CT-38SX60-DR
209
CT-38SX30-RM
251
CT-38SX40-MS
293
CT-38SX50-DS
335
CT-38SX60-DRM
210
CT-38SX30-RMS
252
CT-38SX40-R
294
CT-38SX50-M
336
CT-38SX60-DRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com