Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72F324J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J Datasheet(HTML) 1 Page - STMicroelectronics

  ST72F324J Datasheet HTML 1Page - STMicroelectronics ST72F324J Datasheet HTML 2Page - STMicroelectronics ST72F324J Datasheet HTML 3Page - STMicroelectronics ST72F324J Datasheet HTML 4Page - STMicroelectronics ST72F324J Datasheet HTML 5Page - STMicroelectronics ST72F324J Datasheet HTML 6Page - STMicroelectronics ST72F324J Datasheet HTML 7Page - STMicroelectronics ST72F324J Datasheet HTML 8Page - STMicroelectronics ST72F324J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
Rev. 1.6
October 2002
1/156
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
ST72324J/K
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC,
4 TIMERS, SPI, SCI INTERFACE
PRELIMINARY DATA
s
Memories
– 8 to 32K dual voltage High Density Flash (HD-
Flash) or ROM with read-out protection capa-
bility. In-Application Programming and In-
Circuit Programming for HDFlash devices
– 384 to 1K bytes RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 20 years at 55°C
s
Clock, Reset And Supply Management
– Enhanced low voltage supervisor (LVD) for
main supply with 3 programmable reset
thresholds and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator os-
cillators, internal or external RC oscillator,
clock security system and bypass for external
clock
– PLL for 2x frequency multiplication
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
s
Interrupt Management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 9/6 external interrupt lines (on 4 vectors)
s
Up to 32 I/O Ports
– 32/24 multifunctional bidirectional I/O lines
– 22/17 alternate function lines
– 12/10 high sink outputs
s
4 Timers
– Main Clock Controller with: Real time base,
Beep and Clock-out capabilities
– Configurable watchdog timer
– 16-bit Timer A with: 1 input capture, 1 output
compare, external clock input, fixed freq.
PWM and pulse generator modes
– 16-bit Timer B with: 2 input captures, 2 output
compares, variable freq. PWM and pulse gen-
erator modes
s
2 Communication Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface (LIN com-
patible)
s
1 Analog Peripheral
– 10-bit ADC with up to 12 input pins
s
Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
s
Development Tools
– Full hardware/software development package
– In-Circuit Testing capability
Device Summary
TQFP44
10 x 10
SDIP42
600 mil
SDIP32
400 mil
TQFP32
7 x 7
Features
ST72(F)324(J/K)6
ST72(F)324(J/K)4
ST72(F)324(J/K)2
Program memory - bytes
32K
16K
8K
RAM (stack) - bytes
1024 (256)
512 (256)
384 (256)
Operating Voltage
3.8V to 5.5V (low voltage version planned with 3.0 to 3.6V range)
Temp. Range (ROM)
up to -40°C to +125°C
Temp. Range (Flash)
up to -40°C to +125°C
-40°C to +85 °C
Packages
SDIP42 (JxB), TQFP44 10x10 (JxT),SDIP32 (KxB), TQFP32 7x7 (KxT)
1


Similar Part No. - ST72F324J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F324J2T3 STMICROELECTRONICS-ST72F324J2T3 Datasheet
1Mb / 163P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
08-Nov-2005
ST72F324J2T3 STMICROELECTRONICS-ST72F324J2T3 Datasheet
2Mb / 164P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
04-Apr-2008
ST72F324J2T6 STMICROELECTRONICS-ST72F324J2T6 Datasheet
1Mb / 163P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
08-Nov-2005
ST72F324J2T6 STMICROELECTRONICS-ST72F324J2T6 Datasheet
2Mb / 164P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
04-Apr-2008
ST72F324J2TA STMICROELECTRONICS-ST72F324J2TA Datasheet
1Mb / 167P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
06-Feb-2006
More results

Similar Description - ST72F324J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.8
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
Apr-2002
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com