Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72F324J
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72F324J Datasheet HTML 147Page - STMicroelectronics ST72F324J Datasheet HTML 148Page - STMicroelectronics ST72F324J Datasheet HTML 149Page - STMicroelectronics ST72F324J Datasheet HTML 150Page - STMicroelectronics ST72F324J Datasheet HTML 151Page - STMicroelectronics ST72F324J Datasheet HTML 152Page - STMicroelectronics ST72F324J Datasheet HTML 153Page - STMicroelectronics ST72F324J Datasheet HTML 154Page - STMicroelectronics ST72F324J Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 156 page
background image
ST72324J/K
151/156
ST72324J/K DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
ST72324 MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Temp. Range (do not check for die product:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] RC Network:1 [ ] Internal
[ ] External
[ ] External Clock
PLL1
[ ] Disabled
[ ] Enabled
Clock Security System:
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] Enabled:
[ ] Highest threshold
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
Readout Protection:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1PLL must not be enabled if internal RC Network is selected
---------------------------------
ROM DEVICE:
---------------------------------
|
|
--------------------------------------
32K
--------------------------------------
|
|
--------------------------------------
16K
--------------------------------------
-----------------------------------
8K
-----------------------------------
TQFP32:
|
[ ] ST72324K6T
|
[ ] ST72324K4T
[ ] ST72324K2T
DIP32:
|
[ ] ST72324K6B
|
[ ] ST72324K4B
[ ] ST72324K2B
TQFP44 :
|
[ ] ST72324J6T
|
[ ] ST72324J4T
[ ] ST72324J2T
DIP42:
|
[ ] ST72324J6B
|
[ ] ST72324J4B
[ ] ST72324J2B
---------------------------------
DIE FORM:
---------------------------------
|
|
---------------------------------------
32K
---------------------------------------
|
|
---------------------------------------
16K
---------------------------------------
-----------------------------------
8K
------------------------------------
32-pin:
|
[ ]
|
[ ]
[ ]
44-pin:
|
[ ]
|
[ ]
[ ]
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
|
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
[ ] 0°C to +70°C
|
[ ] -10°C to +85°C
[ ] -40°C to +105°C
|
[ ] -40°C to +85°C
[ ] -40°C to +125°C
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com