Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-38SX30-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCT-38SX30-R
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38SX30-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCT-38SX30-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38SX30-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-38S/CT-38S Page 1
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCT-38S
Elite Model, CT-38S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–4 GHz
4–8 GHz
8–12 GHz
12–16 GHz
16-20 GHz
20-22 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.2
0.3
0.3
0.4
Isolation, dB, min.
80
80
80
80
75
70
VSWR , max.
1.05:1
1.1:1
1.2:1
1.2:1
1.2:1
1.2:1
PART NUMBER
DESCRIPTION
CCT-38S
Commercial Normally Open Multi-throw, DC-18GHz
CT-38S
Elite Normally Open Multi-throw, DC-22GHz
The CCT-38S/CT-38S is an internally terminated, broadband, multi-throw, electromechanical coaxial
switch designed to switch a microwave signal from a common input to any of 3, 4, 5, or 6 outputs.
The characteristic impedance is 50 Ohms. Internal terminations provide an impedance match for the
unselected ports. The switches are small using the popular connector spacing on a 1.062” dia. circle.
Each position has an individual actuator mechanism allowing random position selection. This also
minimizes switching time.
The CCT-38S/CT-38S comes with a normally open actuator. For the normally open actuator, all ports are
terminated in 50 Ohms, except the common input port which is open when the switch is de-energized.
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,,
break before make
Frequency Range
CCT-38S
CT-38S
DC–18 GHz
DC–22 GHz
Characteristic Impedance
50 Ohms
Terminations
50Ω, 2 Watts CW max.
Operate Time
15 ms (max.)
Release Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
420 350 250 200 mA
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCT-38
S
1
6
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* D-Sub Connector may be 9 or 15 pin depending on
number of throws. (See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
1: 28 VDC NORMALLY OPEN
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
2: 15 VDC NORMALLY OPEN
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
3: 12 VDC NORMALLY OPEN
5: SP5TR
: POSITIVE + COMMON
4: 24 VDC NORMALLY OPEN
6: SP6TTD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PARTS LIST ON PAGE 12-14
M
: MOISTURE SEAL
S
: D-SUB CONNECTOR*


Similar Part No. - CCT-38SX30-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
522Kb / 5P
Controlled with USB or Ethernet
CCT-38S100-D TELEDYNE-CCT-38S100-D Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-38S100-M TELEDYNE-CCT-38S100-M Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-38S100-S TELEDYNE-CCT-38S100-S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
More results

Similar Description - CCT-38SX30-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
Normally Open Coaxial Switch
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com