| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4347 Datasheet
# Example questions:
➢ Which cable types are compatible with this connector, according to the provided specifications?
➢ What is the impedance of this 3/4 inch-20 twinax female connector?
➢ How does the weight of this connector compare to similar models?
# PE4347 3/4-Inch 20 Twinax Female Connector
## Features
· 3/4”-20 Twinax Female Connector
· 95 Ohms impedance
· Straight Body Geometry
· Solder Cup Interface Type
· Solder Attachment
· 4 Hole Flange
## Specifications
· Size: 1.265 in x 1 in x 1 in (32.13 mm x 25.40 mm x 25.4 mm)
· Weight: 0.068 lbs (30.84 g)
· Material:
- Contact: Brass, Gold Plating
- Insulation: PBT
- Body: Brass, Nickel Plating
## Applications
· General Purpose Test
· Rack and Panel Mount Applications
## Notes
· Fits MIL-C-17 and equivalent cables.
· Dimensions are nominal.
· Specifications subject to change.
# PE4347 3/4-Inch 20 Twinax Female Connector
## Features
· 3/4”-20 Twinax Female Connector
· 95 Ohms impedance
· Straight Body Geometry
· Solder Cup Interface Type
· Solder Attachment
· 4 Hole Flange
## Specifications
· Size: 1.265 in x 1 in x 1 in (32.13 mm x 25.40 mm x 25.4 mm)
· Weight: 0.068 lbs (30.84 g)
· Material:
- Contact: Brass, Gold Plating
- Insulation: PBT
- Body: Brass, Nickel Plating
## Applications
· General Purpose Test
· Rack and Panel Mount Applications
## Notes
· Fits MIL-C-17 and equivalent cables.
· Dimensions are nominal.
· Specifications subject to change.
| Part No. | PE4347 |
| Manufacturer | PASTERNACK |
| Size | 325 Kbytes |
| Pages | 3 pages |
| Description | 3/4 inch-20 Twinax Female Connector Solder Attachment |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |