Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4347 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4347
Description  3/4 inch-20 Twinax Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4347 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4347 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4347 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4347 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup
Terminal, .718 inch Hole Spacing PE4347
URL: https://www.pasternack.com/3-4-inch-20-female-standard-solder-cup-terminal-connector-pe4347-p.aspx
PE4347 REV 1.1
RF Connectors Technical Data Sheet
PE4347
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole
Flange Mount Solder Cup Terminal, .718 inch Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com