Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4347 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4347
Description  3/4 inch-20 Twinax Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4347 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4347 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4347 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4347 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 3/4”-20 Twinax Female Connector
• 95 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4347 3/4 inch-20 Twinax female connector solder attachment 4 hole flange mount solder cup terminal, .718
inch hole spacing is part of our full line of RF components available for same-day shipping. This 3/4 inch-20 Twinax 4 hole
flange connector allows designers to create external connections on their product enclosures, and can be used in a variety of
other rack mount and panel mount applications.
Our 95 ohm 3/4 inch-20 Twinax female 4 hole flange connector PE4347 datasheet specifications and drawing with dimensions
are shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers
to configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board
design, or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack
can also expertly build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.265 in [32.13 mm]
Width/Dia.
1 in [25.40 mm]
Height
1 in [25.4 mm]
.
Weight
0.068 lbs [30.84 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PBT
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup
Terminal, .718 inch Hole Spacing PE4347
PE4347 REV 1.1
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole
Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4347


Similar Part No. - PE4347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4347 PASTERNACK-PE4347 Datasheet
554Kb / 2P
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
More results

Similar Description - PE4347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4104 PASTERNACK-PE4104 Datasheet
334Kb / 3P
3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment For PE-S330
PE4105 PASTERNACK-PE4105 Datasheet
206Kb / 2P
3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4347 PASTERNACK-PE4347 Datasheet
554Kb / 2P
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4346 PASTERNACK-PE4346 Datasheet
327Kb / 2P
3/4 inch-20 Twinax Female Connector Clamp/Solder Attachment For PE-S330
PE3930 PASTERNACK-PE3930_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930-18 PASTERNACK-PE3930-18 Datasheet
365Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 18 Inch Length
PE3930LF PASTERNACK-PE3930LF_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930LF-60 PASTERNACK-PE3930LF-60 Datasheet
366Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable 60 Inch Length
PE4104 PASTERNACK-PE4104_16 Datasheet
432Kb / 3P
3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment
PE4105 PASTERNACK-PE4105_16 Datasheet
318Kb / 3P
3/4 inch-20 Twinax Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com