| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4522 Datasheet
# Example questions:
➢ What is the operating temperature range for this smb plug connector?
➢ What is the maximum operating frequency for this smb plug connector?
➢ Which cable types are specifically listed as compatible with this connector?
# PE4522 SMB Plug Connector
## Features
· Connector Type: SMB Plug, Right Angle
· Attachment Method: Crimp/Solder
· Cable Compatibility: RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
· Maximum Frequency: 4 GHz
· VSWR: 1.3:1
· Impedance: 50 Ohms
## Electrical Specifications
· Frequency Range: DC to 4 GHz
· Operating Voltage: 335 V rms
## Mechanical Specifications
· Length: 0.77 in [19.56 mm]
· Width/Diameter: 0.275 in [6.99 mm]
· Height: 0.551 in [14 mm]
· Weight: 0.016 lbs [7.26 g]
## Materials
· Contact: Beryllium Copper with 30 µin minimum Gold plating
· Insulation: PTFE
· Body: Brass with 100 µin minimum Nickel plating
## Environmental Specifications
· Operating Temperature: -65 to +165 °C
# PE4522 SMB Plug Connector
## Features
· Connector Type: SMB Plug, Right Angle
· Attachment Method: Crimp/Solder
· Cable Compatibility: RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
· Maximum Frequency: 4 GHz
· VSWR: 1.3:1
· Impedance: 50 Ohms
## Electrical Specifications
· Frequency Range: DC to 4 GHz
· Operating Voltage: 335 V rms
## Mechanical Specifications
· Length: 0.77 in [19.56 mm]
· Width/Diameter: 0.275 in [6.99 mm]
· Height: 0.551 in [14 mm]
· Weight: 0.016 lbs [7.26 g]
## Materials
· Contact: Beryllium Copper with 30 µin minimum Gold plating
· Insulation: PTFE
· Body: Brass with 100 µin minimum Nickel plating
## Environmental Specifications
· Operating Temperature: -65 to +165 °C
| Part No. | PE4522 |
| Manufacturer | PASTERNACK |
| Size | 370 Kbytes |
| Pages | 3 pages |
| Description | SMB Plug Right Angle Connector Crimp/Solder Attachment |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |