Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4522 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4522
Description  SMB Plug Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4522 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4522 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4522 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4522 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-
195, 0.195 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4522 SMB plug right angle connector with crimp/solder attachment for RG58, RG303, RG141, PE-C195,
PE-P195, LMR-195 and 0.195 inch is part of our full line of RF components available for same-day shipping. Our SMB plug
connector operates up to a maximum frequency of 4 GHz and offers good VSWR of 1.3:1. Its right angle body geometry allows
for easier connections in tight spaces.
Our SMB plug right angle connector PE4522 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.77 in [19.56 mm]
Width/Dia.
0.275 in [6.99 mm]
Height
0.551 in [14 mm]
.
Weight
0.016 lbs [7.26 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Right Angle Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-
C195, PE-P195, LMR-195, 0.195 inch PE4522
PE4522 REV 1.1
SMB Plug Right Angle Connector Crimp/Solder Attachment for
RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
RF Connectors Technical Data Sheet
PE4522


Similar Part No. - PE4522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE45222 PASTERNACK-PE45222 Datasheet
347Kb / 4P
QN Male Snap-On Connector Crimp/Solder Attachment for LMR-240, PE-C240
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
PE45227 PASTERNACK-PE45227 Datasheet
362Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 735A1
More results

Similar Description - PE4522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4046 PASTERNACK-PE4046_16 Datasheet
358Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4080 PASTERNACK-PE4080_16 Datasheet
397Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4161 PASTERNACK-PE4161_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4251 PASTERNACK-PE4251 Datasheet
373Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4358 PASTERNACK-PE4358_16 Datasheet
315Kb / 3P
SMB Plug Right Angle Connector Clamp/Solder Attachment
PE4523 PASTERNACK-PE4523_16 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com