Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6313 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE71S6313 Datasheet

  • # Example questions: ➢ What is the maximum vswr across the entire operating frequency range of dc to 22 ghz?
    ➢ How does the isolation performance change as the frequency increases from dc to 22 ghz?
    ➢ What are the physical dimensions of this switch, specifically the length, width, and height?

  • Part No.PE71S6313
    ManufacturerPASTERNACK
    Size483 Kbytes
    Pages6 pages
    DescriptionSP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
    Datasheet Summary with AI

    # PE71S6313 SP6T Electromechanical Relay Switch

    ## Features
    ️· Switch Type: SP6T (Single Pole Six Throw)
    ️· Frequency Range: DC to 22 GHz
    ️· Impedance: 50 Ohms
    ️· Operating Voltage: 12 Volts
    ️· Actuating Current: 300 mA @ 12V
    ️· VSWR: 1.6:1 (Max)
    ️· Insertion Loss: 0.6 dB (Max at 22 GHz)
    ️· Isolation: 60 dB (Min at 22 GHz)
    ️· Input Power: 20 Watts (@ 22 GHz)
    ️· Actuator Type: Latching, Self Cut Off
    ️· Switching Sequence: Break Before Make
    ️· Operating Life: 1,000,000 Cycles
    ️· Switching Time: 20 ms (Max)

    ## Electrical Specifications (by Frequency)

    | Frequency Range (GHz) | VSWR (Max) | Insertion Loss (Max) (dB) | Isolation (Min) (dB) |

    |---|---|---|---|
    | DC to 4 | 1.2:1 | 0.3 | 75 |
    | 4 to 8 | 1.3:1 | 0.35 | 70 |
    | 8 to 12 | 1.4:1 | 0.4 | 65 |
    | 12 to 18 | 1.5:1 | 0.5 | 60 |
    | 18 to 22 | 1.6:1 | 0.6 | 60 |

    ## Mechanical Specifications
    ️· Size: 2.13 x 2.13 x 2.33 inches (54.1 x 54.1 x 59.18 mm)
    ️· Weight: 0.625 lbs (283.5 g)
    ️· Body Material: Aluminum, Gold Plated
    ️· RF Connector Type: SMA Female
    ️· RF Connector Contact Material: Beryllium Copper, Gold Plated
    ️· RF Connector Body Plating: Passivated Stainless Steel

    ## Environmental Specifications
    ️· Operating Temperature: -25 to +65°C
    ️· Compliance: RoHS Compliant

    # PE71S6313 SP6T Electromechanical Relay Switch

    ## Features
    ️· Switch Type: SP6T (Single Pole Six Throw)
    ️· Frequency Range: DC to 22 GHz
    ️· Impedance: 50 Ohms
    ️· Operating Voltage: 12 Volts
    ️· Actuating Current: 300 mA @ 12V
    ️· VSWR: 1.6:1 (Max)
    ️· Insertion Loss: 0.6 dB (Max at 22 GHz)
    ️· Isolation: 60 dB (Min at 22 GHz)
    ️· Input Power: 20 Watts (@ 22 GHz)
    ️· Actuator Type: Latching, Self Cut Off
    ️· Switching Sequence: Break Before Make
    ️· Operating Life: 1,000,000 Cycles
    ️· Switching Time: 20 ms (Max)

    ## Electrical Specifications (by Frequency)

    Frequency Range (GHz) VSWR (Max) Insertion Loss (Max) (dB) Isolation (Min) (dB)
    DC to 4 1.2:1 0.3 75
    4 to 8 1.3:1 0.35 70
    8 to 12 1.4:1 0.4 65
    12 to 18 1.5:1 0.5 60
    18 to 22 1.6:1 0.6 60

    ## Mechanical Specifications
    ️· Size: 2.13 x 2.13 x 2.33 inches (54.1 x 54.1 x 59.18 mm)
    ️· Weight: 0.625 lbs (283.5 g)
    ️· Body Material: Aluminum, Gold Plated
    ️· RF Connector Type: SMA Female
    ️· RF Connector Contact Material: Beryllium Copper, Gold Plated
    ️· RF Connector Body Plating: Passivated Stainless Steel

    ## Environmental Specifications
    ️· Operating Temperature: -25 to +65°C
    ️· Compliance: RoHS Compliant

    Part No.PE71S6313
    ManufacturerPASTERNACK
    Size483 Kbytes
    Pages6 pages
    DescriptionSP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com