Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6313 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6313
Description  SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6313 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SP6T Switch
• DC to 22 GHz Operating Frequency Range
• 1 M Cycles min
Applications
• Test & Measurement
• Communications System
• Instrumentation
.
Description
The PE71S6313 is a Single Pole Six Throw Switch that operates from DC to 22 GHz. The switch has a latching actuator and
1M life cycles. The switch has an opating voltage of 12 Volts and has TTL control.
Electrical Specifications
Switch Type
SP6T, Absorptive
Actuator Type
Latching
Switching Sequence
Break Before Make
Actuator Options
Self Cut Off
Polarity
Positive
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
Impedance
50
Ohms
Operating Voltage
12
Volts
Actuating Current @ 12 Volts
300
mA
VSWR
1.6:1
Insertion Loss
0.6
dB
Isolation
60
dB
Input Power (CW)
20
Watts
(@ 22 GHz)
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
8 to 12
12 to 18
18 to 22
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
1.5:1
1.6:1
Insertion Loss, Max
0.3
0.35
0.4
0.5
0.6
dB
Isolation, Min
75
70
65
60
60
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self
Cut Off PE71S6313
PE71S6313 REV 1.0
SP6T Electromechanical Relay Switch DC to 22 GHz,
SMA, 20 Watts, 12V Control with Self Cut Off
Electromechanical Relay Switches Technical Data Sheet
PE71S6313


Similar Part No. - PE71S6313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
More results

Similar Description - PE71S6313

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6305 PASTERNACK-PE71S6305 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6306 PASTERNACK-PE71S6306 Datasheet
467Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com