Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6313 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6313
Description  SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6313 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6313 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6313 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut Off from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Self Cut
Off PE71S6313
URL: http://www.pasternack.com/sma-sp6t-electromechanical-relay-switch-22-ghz-self-cut-off-pe71s6313-p.aspx
PE71S6313 REV 1.0
SP6T Electromechanical Relay Switch DC to 22 GHz,
SMA, 20 Watts, 12V Control with Self Cut Off
Electromechanical Relay Switches Technical Data
PE71S6313



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com