Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL-3W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPL-3W Datasheet

  • # Example questions: ➢ What is the storage temperature range specified for these power modules?
    ➢ What is the maximum peak wave solder temperature recommended for this series of power modules?
    ➢ What are the dimensions of the sip package, specifically the length and width?

  • Part No.TPL-3W
    ManufacturerTOPPOWER
    Size613 Kbytes
    Pages3 pages
    Description3W 1.5KVDC Isolated Single Output DC/DC Converters
    Datasheet Summary with AI

    # TPL-3W Series DC/DC Converters

    ## Overview
    Isolated 3W DC/DC converters in a SIP package, designed for space-critical applications and board-level power distribution. Offers high performance at low cost with SMD construction.

    ## Key Features
    ️· Isolation: 1.5KVDC isolation
    ️· Efficiency: Up to 86%
    ️· Power Density: 2.0W/cm3
    ️· Package: UL 94V-0 SIP package with 1.05cm2 footprint
    ️· Input Voltage: 5V or 12V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V
    ️· Operating Temperature: -40°C to +105°C
    ️· RoHS Compliant & CE Certified
    ️· Short Circuit Protection: Available with suffix "P"

    ## Electrical Characteristics
    ️· Rated Power: 3.0W (at TA = -40°C to 85°C)
    ️· Line Regulation: 1.2%
    ️· Load Regulation: 5%-9% (depending on output voltage)
    ️· Switching Frequency: 95 kHz (5V & 12V input)

    ## Absolute Maximum Ratings
    ️· Lead Temperature: 300°C (1.5mm from case for 10 seconds)
    ️· Internal Power Dissipation: 800mW
    ️· Input Voltage (TPL05XX): 7V
    ️· Input Voltage (TPL12XX): 15V

    ## Mechanical Information
    ️· Package: SIP
    ️· Dimensions: See datasheet for detailed mechanical drawings.
    ️· Weight: 2.0g

    ## Soldering Information
    ️· Compatible with RoHS and Sn/Pb soldering systems.
    ️· Peak wave solder temperature: 300°C.

    ## Ordering Information
    ️· Specify part number (e.g., TPL0505S-3W)
    ️· Add “P” suffix for continuous short circuit protection (e.g., TPL0505SP-3W).

    # TPL-3W Series DC/DC Converters

    ## Overview
    Isolated 3W DC/DC converters in a SIP package, designed for space-critical applications and board-level power distribution. Offers high performance at low cost with SMD construction.

    ## Key Features
    ️· Isolation: 1.5KVDC isolation
    ️· Efficiency: Up to 86%
    ️· Power Density: 2.0W/cm3
    ️· Package: UL 94V-0 SIP package with 1.05cm2 footprint
    ️· Input Voltage: 5V or 12V
    ️· Output Voltage: 3.3V, 5V, 9V, 12V, 15V
    ️· Operating Temperature: -40°C to +105°C
    ️· RoHS Compliant & CE Certified
    ️· Short Circuit Protection: Available with suffix "P"

    ## Electrical Characteristics
    ️· Rated Power: 3.0W (at TA = -40°C to 85°C)
    ️· Line Regulation: 1.2%
    ️· Load Regulation: 5%-9% (depending on output voltage)
    ️· Switching Frequency: 95 kHz (5V & 12V input)

    ## Absolute Maximum Ratings
    ️· Lead Temperature: 300°C (1.5mm from case for 10 seconds)
    ️· Internal Power Dissipation: 800mW
    ️· Input Voltage (TPL05XX): 7V
    ️· Input Voltage (TPL12XX): 15V

    ## Mechanical Information
    ️· Package: SIP
    ️· Dimensions: See datasheet for detailed mechanical drawings.
    ️· Weight: 2.0g

    ## Soldering Information
    ️· Compatible with RoHS and Sn/Pb soldering systems.
    ️· Peak wave solder temperature: 300°C.

    ## Ordering Information
    ️· Specify part number (e.g., TPL0505S-3W)
    ️· Add “P” suffix for continuous short circuit protection (e.g., TPL0505SP-3W).

    Part No.TPL-3W
    ManufacturerTOPPOWER
    Size613 Kbytes
    Pages3 pages
    Description3W 1.5KVDC Isolated Single Output DC/DC Converters