Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL-3W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPL-3W
Description  3W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL-3W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPL-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPL-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPL-3W series are miniature, isolated 3W DC/DC converters in a SIP package. They
offer the ideal solution in many space critical applications for board level power distribution.
The internal SMD construction makes it possible to offer a product with high performance
at low cost. The series offers smaller size, improved efficiency, lower output ripple noise
and 1.5KVDC isolation.
3W 1.5KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPL0503S-3W
5
3.3
909/90.9
80
TPL0505S-3W
5
5
600/60
77
TPL0509S-3W
5
9
333/33.3
80
TPL0512S-3W
5
12
250/25
83
TPL0515S-3W
5
15
200/20
82
TPL1203S-3W
12
3.3
909/90.9
80
TPL1205S-3W
12
5
600/60
80
TPL1209S-3W
12
9
333/33.3
84
TPL1212S-3W
12
12
250/25
86
TPL1215S-3W
12
15
200/20
85
Add suffix “P” for continuous short circuit protection, for example TPL0505SP-3W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Reflected ripple current
5V input variants
35
mA p-p
Reflected ripple current
12V input variants
40
mA p-p
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA= -40°C to 85°C
3.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.2
%/%
Load Regulation(10% load to rated load)
3.3V & 5V output variants
9
%
Load Regulation(10% load to rated load)
9V output variants
5
%
Load Regulation(10% load to rated load)
12V output variants
6
%
Load Regulation(10% load to rated load)
15V output variants
9
%
FEATURES
RoHS compliant、CE certification
Single isolated output
1.5KVDC isolation
Efficiency up to 86%
Operating temperature: -40ºC to 105ºC
Power density 2.0W/cm3
UL 94V-0 package material
Footprint from 1.05cm2
Industry standard pinout
Input voltage: 5V, 12V
Output voltage: 3.3V, 5V, 9V, 12V, 15V
Custom solutions available
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
800mW
Input voltage Vin, TPL05XX types
7V
Input voltage Vin, TPL12XX types
15V
TOPPOWER


Similar Part No. - TPL-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPL-3W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPT TOPPOWER-TPT Datasheet
596Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT_17 Datasheet
409Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPL TOPPOWER-TPL_19 Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE_V01 Datasheet
762Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPT TOPPOWER-TPT_V01 Datasheet
729Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com