Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL-3W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPL-3W
Description  3W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL-3W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPL-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPL-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch
and within ±0.25mm of true position.
Weight: 2.0g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1500
VDC
Resistance
Viso= 500VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input
95
kHz
Switching frequency
12V input
95
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-50
130
Case Temperature above ambient
5V output types
46
All other output types
38
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
4 PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Output Load Current(%)
+10%
+5%
V
NOM
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load Line
TOPPOWER
2.54
YYWW
TPL0505S-3W
14.00
1
2
34
7.50
10.00
0.50
0.45
4.60
3.60
7.62
0.30
0.20
1.25
3.38
0.50
0.45
bottom view
SIP Package
4.5
3.0
1.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com