Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU12A Datasheet (PDF) - Diotec Semiconductor

KBU12A Datasheet PDF - Diotec Semiconductor
Part # KBU12A
Download  KBU12A Download
File Size   162.89 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Single Phase Bridge Rectifier

KBU12A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU12A Datasheet PDF - Diotec Semiconductor

Part # KBU12A
Download  KBU12A Click to download

File Size   162.89 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Single Phase Bridge Rectifier

KBU12A Datasheet (HTML) - Diotec Semiconductor


KBU12A Product details

Silicon-Bridge Rectifiers

• Nominal current                               12 A
• Alternating input voltage        35…700 V
• Plastic case        23.5 x 5.7 x 19.3 [mm]
• Weight approx.                                  8 g
• Plastic material has UL classification 94V-0
• Standard packaging: bulk see page 22




Similar Part No. - KBU12A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBU12A DIOTEC-KBU12A Datasheet
131Kb / 2P
Silicon-Bridge Rectifiers
KBU12A DIOTEC-KBU12A Datasheet
112Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A Datasheet
110Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A_07 Datasheet
110Kb / 2P
Silicon-Bridge-Rectifiers
KBU12A DIOTEC-KBU12A_10 Datasheet
112Kb / 2P
Silicon-Bridge-Rectifiers
More results


Similar Description - KBU12A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com